Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFS250A Datasheet(PDF) 2 Page - International Rectifier

Part # IRFS250A
Description  Advanced Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFS250A Datasheet(HTML) 2 Page - International Rectifier

  IRFS250A Datasheet HTML 1Page - International Rectifier IRFS250A Datasheet HTML 2Page - International Rectifier IRFS250A Datasheet HTML 3Page - International Rectifier IRFS250A Datasheet HTML 4Page - International Rectifier IRFS250A Datasheet HTML 5Page - International Rectifier IRFS250A Datasheet HTML 6Page - International Rectifier IRFS250A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
N-CHANNEL
POWER MOSFET
Electrical Characteristics (T
C=25
unless otherwise specified)
Drain-Source Breakdown Voltage
Breakdown Voltage Temp. Coeff.
Gate Threshold Voltage
Gate-Source Leakage , Forward
Gate-Source Leakage , Reverse
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
Static Drain-Source
On-State Resistance
Forward Transconductance
Input Capacitance
Output Capacitance
Reverse Transfer Capacitance
Turn-On Delay Time
Rise Time
Turn-Off Delay Time
Fall Time
Total Gate Charge
Gate-Source Charge
Gate-Drain(“Miller”) Charge
g
fs
C
iss
C
oss
C
rss
t
d(on)
t
r
t
d(off)
t
f
Q
g
Q
gs
Q
gd
BV
DSS
BV/ T
J
V
GS(th)
R
DS(on)
I
GSS
I
DSS
V
V
nA
A
pF
ns
nC
--
--
--
--
--
--
--
--
--
--
--
--
--
V
GS=0V,ID=250 A
I
D=250 A
See Fig 7
V
DS=5V,ID=250 A
V
GS=30V
V
GS=-30V
V
DS=200V
V
DS=160V,TC=125
V
GS=10V,ID=10.65A
V
DS=40V,ID=10.65A
V
DD=100V,ID=32A,
R
G=6.2
See Fig 13
V
DS=160V,VGS=10V,
I
D=32A
See Fig 6 & Fig 12
Drain-to-Source Leakage Current
V
GS=0V,VDS=25V,f =1MHz
See Fig 5
Source-Drain Diode Ratings and Characteristics
Continuous Source Current
Pulsed-Source Current
Diode Forward Voltage
Reverse Recovery Time
Reverse Recovery Charge
I
S
I
SM
V
SD
t
rr
Q
rr
Characteristic
Symbol
Max. Units
Typ.
Min.
Test Condition
--
--
--
--
--
A
V
ns
C
Integral reverse pn-diode
in the MOSFET
T
J=25
,I
S=21.3A,VGS=0V
T
J=25
,I
F=32A
di
F/dt=100A/ s
IRFS250A
200
--
2.0
--
--
--
--
--
0.24
--
--
--
--
--
410
200
21
20
77
38
95
18
45.3
--
--
4.0
100
-100
10
100
0.085
--
3000
475
230
50
50
160
90
123
--
--
16.64
2300
--
--
--
203
1.52
21.3
130
1.5
--
--
Notes ;
Repetitive Rating : Pulse Width Limited by Maximum Junction Temperature
L=2mH, I
AS=21.3A, VDD=50V, RG=27
, Starting T
J =25
I
SD
32A, di/dt 320A/ s, V
DD
BV
DSS , Starting T J =25
Pulse Test : Pulse Width = 250 s, Duty Cycle
2%
Essentially Independent of Operating Temperature
<
_
<
_
<
_
<
_
O
1
O
2
O
3
O
4
O
5
oC
V/
oC
µ
µ
µ
µ
µ
Ω
oC
oC
µ
µ
O
1
O
4
O
4
oC
oC
O
4
O
4
O
5
O
4
O
4
O
5
Ω
Ω
Ω
oC
µ
∆
∆



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com