Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F2LP-W50M Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # F2LP-W50M
Description  Inductive Ring Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F2LP-W50M Datasheet(HTML) 4 Page - Omron Electronics LLC

  F2LP-W50M Datasheet HTML 1Page - Omron Electronics LLC F2LP-W50M Datasheet HTML 2Page - Omron Electronics LLC F2LP-W50M Datasheet HTML 3Page - Omron Electronics LLC F2LP-W50M Datasheet HTML 4Page - Omron Electronics LLC F2LP-W50M Datasheet HTML 5Page - Omron Electronics LLC F2LP-W50M Datasheet HTML 6Page - Omron Electronics LLC F2LP-W50M Datasheet HTML 7Page - Omron Electronics LLC F2LP-W50M Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
F2LP-W
F2LP-W
4
F2LP-W50M
Object size (dia. in mm)
F2LP-W75M
Object size (dia. in mm)
Iron
Brass
Object
Height
Sensing area
Iron
Brass
Object
Height
Sensing area
Object size (dia. in mm)
Residual Load Voltage Characteristics (Typ.)
Load current (mA)
F2LP-W100M
F2LP-WK4-US
Iron
Brass
Object
Height
Operation
Amplifier Unit
Sensitivity selector
Timer mode selector (see note 1)
POWER indicator:
Lit when power is on.
OPERATION indicator:
Lit when sensing objects.
Frequency selector:
If induction or other mutual inter-
ference is experienced when us-
ing more than one Sensor, set the
Sensor to different frequencies.
Sensor selector:
F2LP-W10M, F2LP-W20M: Select dia.
of 10 to 20
F2LP-W50M, F2LP-W75M,
F2LP-W100M: Select dia. of 50 to 100
Compensation selector: Select the
position according to the cable length.
When cutting or extending the cable,
the length should be between 1.5 m
and 10 m.
Sensitivity adjustor
Output mode selector (see note 2)
240 VAC
120 VAC
--US
Note:
1. Timer mode selector: NORM:
No timer; TIMER: OFF-delay
transistor output (40 ms)
2. Output mode selector:
NO: Both transistor output and
relay output ON when sensing
objects; NC: Transistor output
OFF and relay output ON
when sensing objects



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com