Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F2LP-W100M Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # F2LP-W100M
Description  Inductive Ring Sensor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

F2LP-W100M Datasheet(HTML) 2 Page - Omron Electronics LLC

  F2LP-W100M Datasheet HTML 1Page - Omron Electronics LLC F2LP-W100M Datasheet HTML 2Page - Omron Electronics LLC F2LP-W100M Datasheet HTML 3Page - Omron Electronics LLC F2LP-W100M Datasheet HTML 4Page - Omron Electronics LLC F2LP-W100M Datasheet HTML 5Page - Omron Electronics LLC F2LP-W100M Datasheet HTML 6Page - Omron Electronics LLC F2LP-W100M Datasheet HTML 7Page - Omron Electronics LLC F2LP-W100M Datasheet HTML 8Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
F2LP-W
F2LP-W
2
Application Examples
Counting Falling Screws
Tank
F2LP-WK4-US
CQM1
F2LP-W50M
Specifications
Ratings/Characteristics
Sensor Units
Model
F2LP-W10M
F2LP-W20M
F2LP-W50M
F2LP-75M
F2LP-W100M
Sensing area
10 dia.
20 dia.
50 dia.
75 dia.
100 dia.
Sensing objects (see note 1)
Ferrous or non-ferrous moving metal object (Sensitivity lowers with non-ferrous metals).
Min. object size
0.3 dia. x 0.5 mm
steel rod
0.3 dia. x 1.0 mm
steel rod
2.0-dia. steel ball
2.5-dia. steel ball
3.0-dia. steel ball
Ambient temperature
Operating: --25
Cto 70C (with no icing)
Ambient humidity
Operating: 35% to 95%
Insulation resistance
50 M
τ min.
Head case and shield (0 V) are electrically connected.
Dielectric strength
1,000 VAC for
1min.
Head case and shield (0 V) are electrically connected.
Vibration resistance
Durability: 10 to 55 Hz, 1.5 mm double amplitude for 2 hours each in X, Y, Z directions
Shock resistance
Durability: 500 m/s2 (approx. 50G) for 3 times each in X, Y, Z directions
Cable (see note 2)
3 m (high-frequency coaxial cable)
Weight
Approx. 80 g
Approx. 220 g
Approx. 430 g
Approx. 800 g
Approx. 1,200 g
Enclosure rating
IEC IP67
Material
Case
Heat-resisting
ABS resin
Aluminum diecast
Sensing
surface
Heat-resisting ABS resin
Note:
1. The moving speed is based on the natural fall of objects from a height 10 cm above the Sensor.
2. The cable can be shortened or connected to another cable, as long as the total length of the cable is from 1.5 to 10 m. Use the
following cables for extension: F2LP-W10M, F2LP-W20M: Electrostatic capacity 97 nF/km; characteristic impedance 50 2
τ
F2LP-W-50M, F2LP-W75M, F2LP-W100M: Electrostatic capacity 100 nF/km; characteristic
impedance 50 2
τ



Html Pages

1 2 3 4 5 6 7 8