Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MASWSS0130TR Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0130TR
Description  GaAs Broadband DPDT Diversity Switch 0.5 - 3.0 GHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0130TR Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0130TR Datasheet HTML 1Page - Tyco Electronics MASWSS0130TR Datasheet HTML 2Page - Tyco Electronics MASWSS0130TR Datasheet HTML 3Page - Tyco Electronics MASWSS0130TR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
GaAs Broadband DPDT Diversity Switch
0.5 - 3.0 GHz
MASWSS0130
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V5
2
RoHS
Compliant
Parameter
Absolute Maximum
Input Power @ 3 V Control
+35 dBm
Input Power @ 5 V Control
+35 dBm
Operating Voltage
+8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 4,5
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss 3
2.4 GHz
dB
0.6
0.9
Isolation
(on/off or off/on)
2.4 GHz
dB
20
25
Return Loss
2.4 GHz
dB
23
IP2
Two Tone, +15 dBm per tone, 5 MHz Spacing,
2.4 GHz
dBm
94
IIP3
Two Tone, +15 dBm per tone, 5 MHz Spacing,
2.4 GHz
dBm
55
Input P1dB
2.4 GHz
dBm
34
2nd Harmonic
2.4 GHz, PIN = 20 dBm
dBm
-80
3rd Harmonic
2.4 GHz, PIN = 20 dBm
dBm
-95
Trise, Tfall
10% to 90% RF
90% to 10% RF
nS
nS
34
35
Ton, Toff
50% control to 90% RF
50% control to 10% RF
nS
48
54
Transients
mV
7
Control Current
|Vc| = 3 V
µA
5
25
Input P0.1dB
2.4 GHz
dBm
30
2. External DC blocking capacitors are required on all RF ports.
3. Insertion loss can be optimized by varying the DC blocking capacitor value.
Electrical Specifications: TA = 25°C, Z0 = 50 Ω, VC = 0 V/3 V, 8 pF Capacitor
2,3
Qualification
Qualified to M/A-COM specification REL-201,
Process Flow –2.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
4. Exceeding any one or combination of these limits may cause
permanent damage to this device.
5. M/A-COM does not recommend sustained operation near
these survivability limits.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com