| Electronic Components Datasheet Search |
|
T0505DH Datasheet(PDF) 2 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
T0505DH Datasheet(HTML) 2 Page - STMicroelectronics |
|
2 / 5 page ![]() PG (AV)=1 W PGM =10 W (tp = 20 µs) IGM =4 A (tp =20 µs) GATE CHARACTERISTICS (maximum values) Symbol Parameter Value Unit Rth(j-a) Junction to ambient 60 °C/W Rth(j-c) Junction to case for D.C 5.3 °C/W Rth(j-c) Junction to case for A.C 360 ° conduction angle (F=50Hz) 4 °C/W THERMAL RESISTANCES Symbol Test Conditions Quadrant Sensitivity Unit 05 09 IGT VD=12V (DC) RL=33 Ω Tj= 25 °C I-II-III-IV MAX 5 10 mA VGT VD=12V (DC) RL=33 Ω Tj= 25 °C I-II-III-IV MAX 1.5 V VGD VD=VDRM RL=3.3k Ω Tj= 125 °C I-II-III-IV MIN 0.2 V tgt VD=VDRM IG = 40mA IT =7.1A dIG/dt = 0.5A/ µs Tj= 25 °C I-II-III-IV TYP 2 µs IH * IT= 50mA Gate open Tj= 25 °C MAX 5 10 mA IL IG=1.2 IGT Tj= 25 °C I-III-IV TYP 5 10 mA II TYP 10 20 VTM * ITM= 7.1A tp= 380 µs Tj= 25 °C MAX 1.65 V IDRM IRRM VD =VDRM VR =VRRM Tj= 25 °C MAX 5 µA Tj= 110 °C MAX 1.5 mA dV/dt * VD=67%VDRM Gate open Tj= 110 °C MIN 20 V/ µs TYP 10 (dV/dt)c * (dI/dt)c = 2.2 A/ms Tj= 110 °C TYP 1 2 V/ µs * For either polarity of electrode A2 voltage with reference to electrode A1 ELECTRICAL CHARACTERISTICS ORDERING INFORMATION T0509 M H TRIAC MESA GLASS CURRENT PACKAGE : H = TO220 Non-insulated VOLTAGE SENSITIVITY ® T0505xH / T0509xH 2/5 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |