Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BPV10NF-CS21 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # BPV10NF-CS21
Description  Silicon PIN Photodiode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BPV10NF-CS21 Datasheet(HTML) 2 Page - Vishay Siliconix

  BPV10NF-CS21 Datasheet HTML 1Page - Vishay Siliconix BPV10NF-CS21 Datasheet HTML 2Page - Vishay Siliconix BPV10NF-CS21 Datasheet HTML 3Page - Vishay Siliconix BPV10NF-CS21 Datasheet HTML 4Page - Vishay Siliconix BPV10NF-CS21 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
BPV10NF
www.vishay.com
Vishay Semiconductors
Rev. 2.1, 26-Jul-2021
2
Document Number: 81503
For technical questions, contact: detectortechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
Fig. 1 - Reverse Dark Current vs. Ambient Temperature
Fig. 2 - Relative Reverse Light Current vs. Ambient Temperature
BASIC CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
MIN.
TYP.
MAX.
UNIT
Forward voltage
IF = 50 mA
VF
-
0.85
1.3
V
Breakdown voltage
IR = 100 μA, E = 0
V(BR)
60
-
-
V
Reverse dark current
VR = 20 V, E = 0
Iro
-0.1
5
nA
Diode capacitance
VR = 0 V, f = 1 MHz, E = 0
CD
-11-
pF
Open circuit voltage
Ee = 1 mW/cm2,
λ = 850 nm
VO
-410
-
mV
Short circuit current
Ee = 1 mW/cm2,
λ = 870 nm
IK
-50-
μA
Reverse light current
Ee = 1 mW/cm2,
λ = 870 nm, VR = 5 V
Ira
-55-
μA
Ee = 1 mW/cm2,
λ = 940 nm, VR = 5 V
Ira
30
60
-
μA
Temperature coefficient of Ira
Ee = 1 mW/cm2,
λ = 870 nm, VR = 5 V
TKIra
--0.1
-
%/K
Absolute spectral sensitivity
VR = 5 V,
λ = 870 nm
s(
λ)
-
0.55
-
A/W
Angle of half sensitivity
ϕ
-± 20
-
°
Wavelength of peak sensitivity
λp
-940
-
nm
Range of spectral bandwidth
λ0.5
-
780 to 1050
-
nm
Quantum efficiency
λ = 950 nm
η
-70-
%
Noise equivalent power
VR = 20 V,
λ = 950 nm
NEP
-
3 x 10-14
-W/
√Hz
Detectivity
VR = 20 V,
λ = 950 nm
D
-
3 x 1012
-cm
√Hz/W
Rise time
VR = 10 V, RL = 50
Ω, λ = 830 nm
tr
-80-
ns
Fall time
VR = 10 V, RL = 50
Ω, λ = 830 nm
tf
-60-
ns
10
100
1000
10000
0.01
0.1
1
10
100
1000
20
40
60
80
100
Axis Title
T
amb - Ambient Temperature (°C)
V
R = 20 V
10
100
1000
10000
0
20
40
60
80
100
120
0
20406080
100
Axis Title
T
amb - Ambient Temperature (°C)
V
R = 5 V,
E
e = 1 mW/cm
2,
O = 940 nm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com