Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC9773AE Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MPC9773AE
Description  3.3 V 1:12 LVCMOS PLL Clock Generator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC9773AE Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MPC9773AE Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC9773AE Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC9773AE Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC9773AE Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC9773AE Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC9773AE Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC9773AE Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC9773AE Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC9773AE Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Advanced Clock Drivers Device Data
12
Freescale Semiconductor
MPC9773
Due to the statistical nature of I/O jitter, an RMS value (1
σ) is specified. I/O jitter numbers for other confidence factors
(CF) can be derived from Table 12.
The feedback trace delay is determined by the board
layout and can be used to fine-tune the effective delay
through each device.
Due to the frequency dependence of the static phase
offset and I/O jitter, using Figure 9 to Figure 11 to predict a
maximum I/O jitter and the specified t(∅) parameter relative to
the input reference frequency results in a precise timing
performance analysis.
In the following example calculation an I/O jitter confidence
factor of 99.7% (
± 3σ) is assumed, resulting in a worst-case
timing uncertainty from the common input reference clock to
any output of –455 ps to +455 ps relative to CCLK (PLL
feedback =
÷8, reference frequency = 50 MHz, VCO
frequency = 400 MHz, I/O jitter = 13 ps RMS max., static
phase offset t(∅) = ± 166 ps):
tSK(PP) = [–166ps...166ps] + [–250ps...250ps] +
[(13ps
⋅ –3)...(13ps ⋅ 3)] + tPD, LINE(FB)
tSK(PP) = [–455ps...455ps] + tPD, LINE(FB)
Figure 9. MPC9773 I/O Jitter
Figure 10. MPC9773 I/O Jitter
Figure 11. MPC9773 I/O Jitter
Driving Transmission Lines
The MPC9773 clock driver was designed to drive high
speed signals in a terminated transmission line environment.
To provide the optimum flexibility to the user, the output
drivers were designed to exhibit the lowest impedance
possible. With an output impedance of less than 20
Ω, the
drivers can drive either parallel or series terminated
transmission lines. For more information on transmission
lines the reader is referred to Freescale Semiconductor
application note AN1091. In most high-performance clock
networks point-to-point distribution of signals is the method of
choice. In a point-to-point scheme, either series terminated or
parallel terminated transmission lines can be used. The
parallel technique terminates the signal at the end of the line
with a 50-
Ω resistance to VCC ÷ 2.
Table 12. Confidence Factor CF
CF
Probability of Clock Edge
within the Distribution
± 1σ
0.68268948
± 2σ
0.95449988
± 3σ
0.99730007
± 4σ
0.99993663
± 5σ
0.99999943
± 6σ
0.99999999
VCO frequency [MHz]
200
250
300
350
400
450 480
160
140
120
100
80
60
40
20
0
FB =
÷32
FB =
÷16
FB =
÷8
FB =
÷4
Maximum I/O Phase Jitter versus Frequency Parameter:
PLL Feedback Divider FB
VCO frequency [MHz]
200
250
300
350
400
450 480
120
100
80
60
40
20
0
FB =
÷12
FB =
÷24
Maximum I/O Phase Jitter versus Frequency Parameter:
PLL Feedback Divider FB
FB =
÷6
VCO frequency [MHz]
200
250
300
350
400
450
480
140
120
100
80
60
40
20
0
FB =
÷20
FB =
÷10
FB =
÷40
Maximum I/O Phase Jitter versus Frequency Parameter:
PLL Feedback Divider FB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com