Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CPL-WB-00C2 Datasheet(PDF) 5 Page - STMicroelectronics

Part # CPL-WB-00C2
Description  Wide band directional coupler with ISO port
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CPL-WB-00C2 Datasheet(HTML) 5 Page - STMicroelectronics

  CPL-WB-00C2 Datasheet HTML 1Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 2Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 3Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 4Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 5Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 6Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 7Page - STMicroelectronics CPL-WB-00C2 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
CPL-WB-00C2
Package information
Doc ID 15088 Rev 3
5/8
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Figure 6.
Package dimensions
Figure 7.
Footprint
Figure 8.
Marking
1.200 mm ± 50 µm
650 µm
670 µm
Copper pad Diameter:
250 µm recommended, 300 µm max
Solder stencil opening: 330 µm
Solder mask opening recommendation:
340 µm min for 300 µm copper pad diameter
x
y
x
w
z
w
Dot, ST logo
xx = marking
z = manufacturing location
yww = datecode
(y = year
ww = week)
E



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com