Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IS25C01-2PI Datasheet(PDF) 1 Page - Integrated Silicon Solution, Inc

Part # IS25C01-2PI
Description  1K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISSI [Integrated Silicon Solution, Inc]
Direct Link  http://www.issi.com
Logo ISSI - Integrated Silicon Solution, Inc

IS25C01-2PI Datasheet(HTML) 1 Page - Integrated Silicon Solution, Inc

  IS25C01-2PI Datasheet HTML 1Page - Integrated Silicon Solution, Inc IS25C01-2PI Datasheet HTML 2Page - Integrated Silicon Solution, Inc IS25C01-2PI Datasheet HTML 3Page - Integrated Silicon Solution, Inc IS25C01-2PI Datasheet HTML 4Page - Integrated Silicon Solution, Inc IS25C01-2PI Datasheet HTML 5Page - Integrated Silicon Solution, Inc IS25C01-2PI Datasheet HTML 6Page - Integrated Silicon Solution, Inc IS25C01-2PI Datasheet HTML 7Page - Integrated Silicon Solution, Inc IS25C01-2PI Datasheet HTML 8Page - Integrated Silicon Solution, Inc IS25C01-2PI Datasheet HTML 9Page - Integrated Silicon Solution, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Integrated Silicon Solution, Inc. — 1-800-379-4774
1
Preliminary Information
Rev. 00B
12/23/05
IS25C01
ISSI®
Copyright © 2006 Integrated Silicon Solution, Inc. All rights reserved. ISSI reserves the right to make changes to this specification and its products at any time
without notice.
ISSI assumes no liability arising out of the application or use of any information, products or services described herein. Customers are advised to
obtain the latest version of this device specification before relying on any published information and before placing orders for products.
1K-BIT SPI SERIAL
ELECTRICALLY ERASABLE PROM
FEATURES
• Serial Peripheral Interface (SPI) Compatible
— Supports SPI Modes 0 (0,0) and 3 (1,1)
• Low-voltage Operation
— Vcc = 1.8V to 5.5V
• Low power CMOS
— Active current less than 3.0 mA (2.5V)
— Standby current less than 1 µA (2.5V)
• Block Write Protection
— Protect 1/4, 1/2, or Entire Array
• 8bytepagewritemode
— Partial page writes allowed
• 10 MHz Clock Rate (5V)
• Self timed write cycles
— 5 ms max. @ 2.5V
• High-reliability
— Endurance: 1 million cycles per byte
— Data retention: 100 years
• 8-pin PDIP, 8-pin SOIC, and 8-pin TSSOP packages
are available
• Lead-free available
Preliminary Information
January 2006
The IS25C01 is an electrically erasable PROM device
that uses the Serial Peripheral Interface (SPI) for
communications. The IS25C01 is 1Kbit
(128 x 8). The IS25C01 EEPROM is offered in a wide
operating voltage range of 1.8V to 5.5V to be compatible
with most application voltages. ISSI designed the
IS25C01 to be an efficient SPI EEPROM solution. The
device is packaged in 8-pin PDIP, 8-pin SOIC, and 8-pin
TSSOP.
The functional features of the IS25C01 allow it to be
among the most versatile serial non-volatile memories
available. Each device has a Chip-Select (
CS) pin, and
a 3-wire interface of Serial Data In (SI), Serial Data Out
(SO), and Serial Clock (SCK). While the 3-wire inter-
face of the IS25C01 provides for high-speed access, a
HOLD pin allows the memories to ignore the interface in
a suspended state; later the
HOLD pin re-activates
communication without re-initializing the serial se-
quence. A Status Register facilitates a flexible write
protection mechanism, and a device-ready bit (
RDY).
DESCRIPTION


Similar Part No. - IS25C01-2PI

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2GI ISSI-IS25C02-2GI Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2GLI ISSI-IS25C02-2GLI Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2PI ISSI-IS25C02-2PI Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C02-2PLI ISSI-IS25C02-2PLI Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
More results

Similar Description - IS25C01-2PI

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
KM93C46 SAMSUNG-KM93C46 Datasheet
190Kb / 6P
1K BIT SERIAL ELECTRICALLY ERASABLE PROM
logo
Integrated Silicon Solu...
IS25C02 ISSI-IS25C02 Datasheet
134Kb / 17P
2K-BIT/4K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08 ISSI-IS25C08 Datasheet
87Kb / 14P
8K-BIT/16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A Datasheet
134Kb / 17P
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128 ISSI-IS25C128 Datasheet
137Kb / 17P
128K-bit/ 256K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
IS93C46A ISSI-IS93C46A Datasheet
74Kb / 13P
1,024-BIT SERIAL ELECTRICALLY ERASABLE PROM
IS25C32A ISSI-IS25C32A_07 Datasheet
225Kb / 18P
32K-BIT/64K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C08B ISSI-IS25C08B Datasheet
754Kb / 17P
8K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C16B ISSI-IS25C16B Datasheet
754Kb / 17P
16K-BIT SPI SERIAL ELECTRICALLY ERASABLE PROM
IS25C128A ISSI-IS25C128A Datasheet
201Kb / 17P
128K-bit SPI SERIAL ELECTRICALLY ERASABLE PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com