Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB624IDT Datasheet(PDF) 34 Page - STMicroelectronics

Part # TSB624IDT
Description  Low power, 1.7 MHz, rail-to-rail output, 36 V operational amplifier
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSB624IDT Datasheet(HTML) 34 Page - STMicroelectronics

Back Button TSB624IDT Datasheet HTML 27Page - STMicroelectronics TSB624IDT Datasheet HTML 28Page - STMicroelectronics TSB624IDT Datasheet HTML 29Page - STMicroelectronics TSB624IDT Datasheet HTML 30Page - STMicroelectronics TSB624IDT Datasheet HTML 31Page - STMicroelectronics TSB624IDT Datasheet HTML 32Page - STMicroelectronics TSB624IDT Datasheet HTML 33Page - STMicroelectronics TSB624IDT Datasheet HTML 34Page - STMicroelectronics TSB624IDT Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
List of figures
Figure 1.
TSB621 pin connections (top view) ...................................................... 2
Figure 2.
TSB622 pin connections (top view) ...................................................... 2
Figure 3.
TSB624 pin connections (top view) ...................................................... 3
Figure 4.
Supply current vs. supply voltage ....................................................... 8
Figure 5.
Input offset voltage distribution at VCC = 2.7 V .............................................. 8
Figure 6.
Input offset voltage distribution at VCC = 12 V ............................................... 8
Figure 7.
Input offset voltage distribution at VCC = 36 V ............................................... 8
Figure 8.
Input offset voltage vs. temperature at VCC = 36 V ........................................... 9
Figure 9.
Input offset voltage temperature variation distribution at VCC = 36 V ............................... 9
Figure 10.
Input offset voltage temperature variation distribution at VCC = 36 V ............................... 9
Figure 11.
Input offset voltage vs. common-mode voltage at VCC = 36 V .................................... 9
Figure 12.
Common-mode reject. ratio CMR at VCC = 5 V ............................................. 10
Figure 13.
Supply voltage rejection ratio SVR at VCC = 5 V ............................................ 10
Figure 14.
Input bias current vs. temperature ...................................................... 10
Figure 15.
Bode diagram at VCC = 2.7 V ......................................................... 10
Figure 16.
Bode diagram at VCC = 12 V ......................................................... 11
Figure 17.
Bode diagram at VCC = 36 V ......................................................... 11
Figure 18.
Overshoot vs. capacitive load at VCC = 36 V............................................... 11
Figure 19.
Phase margin vs. capacitive load at VCC = 2.7 V............................................ 11
Figure 20.
Phase margin vs. capacitive load at VCC = 12 V ............................................ 12
Figure 21.
Phase margin vs. capacitive load at VCC = 36 V ............................................ 12
Figure 22.
Short-circuit current vs. temperature .................................................... 12
Figure 23.
Output source current vs. output voltage at VCC = 2.7 V....................................... 12
Figure 24.
Output source current vs. output voltage at VCC = 12 V ....................................... 13
Figure 25.
Output source current vs. output voltage at VCC = 36 V ....................................... 13
Figure 26.
Output sink current vs. output voltage at VCC = 2.7 V......................................... 13
Figure 27.
Output sink current vs. output voltage at VCC = 12 V ......................................... 13
Figure 28.
Output sink current vs. output voltage at VCC = 36 V ......................................... 14
Figure 29.
Slew rate at VCC = 2.7 V ............................................................ 14
Figure 30.
Slew rate at VCC = 12 V ............................................................. 14
Figure 31.
Slew rate at VCC = 36 V ............................................................. 14
Figure 32.
Slew rate vs. temperature at VCC = 36 V ................................................. 15
Figure 33.
Small signal step response........................................................... 15
Figure 34.
Maximum output voltage vs. frequency .................................................. 15
Figure 35.
THD+Noise vs. frequency ........................................................... 15
Figure 36.
THD+Noise vs. output voltage ........................................................ 16
Figure 37.
Cross talk vs. frequency............................................................. 16
Figure 38.
Equivalent input noise voltage vs. frequency............................................... 16
Figure 39.
SOT23-5 package outline ........................................................... 18
Figure 40.
SOT23-5 recommended footprint ...................................................... 19
Figure 41.
SO8 package outline ............................................................... 20
Figure 42.
SO8 recommended footprint.......................................................... 21
Figure 43.
MiniSO8 package outline ............................................................ 22
Figure 44.
MiniSO8 recommended footprint....................................................... 23
Figure 45.
DFN8 3x3 package outline and mechanical data ............................................ 24
Figure 46.
DFN8 3x3 footprint data............................................................. 25
Figure 47.
SO14 package outline .............................................................. 26
Figure 48.
SO14 recommended footprint......................................................... 27
Figure 49.
TSSOP14 package outline ........................................................... 28
TSB621, TSB622, TSB624
List of figures
DS13848 - Rev 3
page 34/35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com