Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AP2810BMTR-G1 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP2810BMTR-G1
Description  1.0A High-side Power Distribution Switch with Enable and Flag
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP2810BMTR-G1 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP2810BMTR-G1 Datasheet HTML 6Page - Diodes Incorporated AP2810BMTR-G1 Datasheet HTML 7Page - Diodes Incorporated AP2810BMTR-G1 Datasheet HTML 8Page - Diodes Incorporated AP2810BMTR-G1 Datasheet HTML 9Page - Diodes Incorporated AP2810BMTR-G1 Datasheet HTML 10Page - Diodes Incorporated AP2810BMTR-G1 Datasheet HTML 11Page - Diodes Incorporated AP2810BMTR-G1 Datasheet HTML 12Page - Diodes Incorporated AP2810BMTR-G1 Datasheet HTML 13Page - Diodes Incorporated AP2810BMTR-G1 Datasheet HTML 14Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Advance Datasheet
1.0A High-side Power Distribution Switch with Enable and Flag
AP2810
Jul. 2012 Rev 1. 2
BCD Semiconductor Manufacturing Limited
11
Typical Application
Note 2: 2.2μF input capacitor is enough in most application cases.
If the VOUT is short to ground frequently during usage, large size input capacitor is necessary, recommend
22μF.
Figure 20. Typical Application of AP2810



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com