Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BL-5050A10-R80 Datasheet(PDF) 2 Page - American Bright OPTOELECTRONICS CORP.

Part # BL-5050A10-R80
Description  PLCC/Ceramic Based LED Components
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMERICANBRIGHT [American Bright OPTOELECTRONICS CORP.]
Direct Link  https://www.americanbrightled.com/
Logo AMERICANBRIGHT - American Bright OPTOELECTRONICS CORP.

BL-5050A10-R80 Datasheet(HTML) 2 Page - American Bright OPTOELECTRONICS CORP.

  BL-5050A10-R80 Datasheet HTML 1Page - American Bright OPTOELECTRONICS CORP. BL-5050A10-R80 Datasheet HTML 2Page - American Bright OPTOELECTRONICS CORP. BL-5050A10-R80 Datasheet HTML 3Page - American Bright OPTOELECTRONICS CORP. BL-5050A10-R80 Datasheet HTML 4Page - American Bright OPTOELECTRONICS CORP. BL-5050A10-R80 Datasheet HTML 5Page - American Bright OPTOELECTRONICS CORP. BL-5050A10-R80 Datasheet HTML 6Page - American Bright OPTOELECTRONICS CORP. BL-5050A10-R80 Datasheet HTML 7Page - American Bright OPTOELECTRONICS CORP. BL-5050A10-R80 Datasheet HTML 8Page - American Bright OPTOELECTRONICS CORP. BL-5050A10-R80 Datasheet HTML 9Page - American Bright OPTOELECTRONICS CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
B
BR
RIIG
GH
HT
T L
LE
ED
D E
EL
LE
EC
CT
TR
RO
ON
NIIC
CS
S C
CO
OR
RP
P..
Ver1.0 Page: 3 of 12
SI N CE 198 1
● Electrical and optical characteristics(Ta=25℃)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
*2Forward Voltage
VF
2.9
-
3.4
V
Luminous Flux
Φ V
18
-
-
lm
x
-
0.33
-
Chromaticity Coordinates
y
-
0.33
-
-
Color Temperature
CCT
4745
7040
K
Viewing Angle
2θ 1/2
-
120
-
deg
Color Rendering Index
CRI
IF =60mA
80
-
-
-
● Typical Electro-Optical Characteristics Curves.
VS. FORWARD CURRENT
Fig.4 RELATIVE LUMINOUS INTENSITY
30
0
0.5
1.0
1.5
2.0
FORWARD CURRENT (mA)
60
90
120
150
40
AMBIENT TEMPERATURE Ta( C)
-20
-40
0
A
30
60
90
120
150
180
020
60
80
20
0
40
60
80
100
120
20
40
60
100
VS. AMBIENT TEMPERATURE
Fig.2 FORWARD CURRENT
300
0
2
60
120
180
240
FORWARD VOLTAGE (V)
46
8
10
FORWARD VOLTAGE
Fig.5 FORWARD CURRENT VS.
10
0.2
0.8
0.7
0.3
0.5
0.1
0.9
1.0
0
60
0.4
0.6
80
90
70
50
40
30
20
Fig.6 RADIATION DIAGRAM
Fig.1 RELATIVE INTENSITY VS. WAVELENGTH
0.0
380
0.2
0.6
WAVELENGTH (nm)
430
480
530
580
630
680
730
800
0.1
0.5
0.8
[IF=60mA Ta=25
]
⊥
0.3
0.4
0.7
0.9
1.0
AMBIENT TEMPERATURE Ta( C)
VS. AMBIENT TEMPERATURE
Fig.3 RELATIVE LUMINOUS INTENSITY



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com