Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPC5534AVF66R2 Datasheet(PDF) 24 Page - Freescale Semiconductor, Inc

Part # MPC5534AVF66R2
Description  Microcontroller
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5534AVF66R2 Datasheet(HTML) 24 Page - Freescale Semiconductor, Inc

Back Button MPC5534AVF66R2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5534AVF66R2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5534AVF66R2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5534AVF66R2 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5534AVF66R2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5534AVF66R2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5534AVF66R2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5534AVF66R2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MPC5534AVF66R2 Datasheet HTML 28Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 50 page
background image
MPC5534 Microcontroller Data Sheet, Rev. 0
Preliminary—Subject to Change Without Notice
Electrical Characteristics
Freescale Semiconductor
24
1 These are worst case values that are estimated from simulation and not tested. The values in the table are simulated at
FSYS = 80MHz, VDD = 1.35V to 1.65V, VDDE = 1.62V to 1.98V, VDDEH = 4.5V to 5.5V, VDD33 and VDDSYN = 3.0V to 3.6V,
TA = TL to TH.
2 This parameter is supplied for reference and is not guaranteed by design and not tested.
3 Out delay is shown in Figure 3. Add a maximum of one system clock to the output delay for delay with respect to system clock.
4 Delay and rise/fall are measured to 20% or 80% of the respective signal.
5 This parameter is guaranteed by characterization before qualification rather than 100% tested.
Table 18. De-rated Pad AC Specifications (VDDEH = 3.3V, VDDE = 3.3V)1
1 These are worst case values that are estimated from simulation and not tested. The values in the table are simulated at
FSYS = 80MHz, VDD = 1.35V to 1.65V, VDDE = 3.0V to 3.6V, VDDEH = 3.0V to 3.6V, VDD33 and VDDSYN = 3.0V to 3.6V, TA
= TL to TH.
Num
Pad
SRC/DSC
Out Delay2, 3, 4
(ns)
2 This parameter is supplied for reference and is not guaranteed by design and not tested.
3 Delay and rise/fall are measured to 20% or 80% of the respective signal.
4 Out delay is shown in Figure 3. Add a maximum of one system clock to the output delay for delay with respect to system clock.
Rise/Fall3, 5
(ns)
5 This parameter is guaranteed by characterization before qualification rather than 100% tested.
Load Drive
(pF)
1
Slow High Voltage (SH)
11
39
23
50
120
87
200
01
101
52
50
188
111
200
00
507
248
50
597
312
200
2
Medium High Voltage (MH)
11
23
12
50
64
44
200
01
50
22
50
90
50
200
00
261
123
50
305
156
200
3Fast
00
3.2
2.4
10
01
2.2
20
10
2.1
30
11
2.1
50
4
Pull Up/Down (3.6V max)
—
—
7500
50
5
Pull Up/Down (5.5V max)
—
—
9500
50



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com