Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STTH302S Datasheet(PDF) 4 Page - STMicroelectronics

Part # STTH302S
Description  HIGH EFFICIENCY ULTRAFAST DIODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STTH302S Datasheet(HTML) 4 Page - STMicroelectronics

  STTH302S Datasheet HTML 1Page - STMicroelectronics STTH302S Datasheet HTML 2Page - STMicroelectronics STTH302S Datasheet HTML 3Page - STMicroelectronics STTH302S Datasheet HTML 4Page - STMicroelectronics STTH302S Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
STTH302S
4/5
0.0
1.0
2.0
3.0
4.0
5.0
6.0
1
10
100
1000
dI /dt(A/µs)
F
I
F=3A
V
R=100V
T
j=125°C
T
j=25°C
I
(A)
RM
Fig. 7: Peak reverse recovery current versus
dIF/dt (90% confidence).
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
dI /dt(A/µs)
F
I
F=3A
V
R=100V
T
j=125°C
T
j=25°C
Q
(nC)
RR
Fig. 8: Reverse recovery charges versus dIF/dt
(90% confidence).
1.0
1.5
2.0
2.5
3.0
3.5
25
50
75
100
125
150
175
Tj(°C)
I
RM
Q
RR
t
RR
I
F=3A
dI
F/dt=200A/µs
V
R=100V
I
; t
; Q
[Tj] / I
; t
; Q
[Tj = 25°C]
RM
RR
RR
RM
RR
RR
Fig. 9: Relative variations of dynamic parameters
versus junction temperature.
0
10
20
30
40
50
60
70
80
90
100
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
S(cm²)
Rth(j-a)(°C/W)
Fig. 10: Thermal resistance junction to ambient
versus copper surface under each lead (epoxy
FR4, e = 35µm).



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com