Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP251863 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP251863
Description  External CAN FD Controller with Integrated Transceiver
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP251863 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP251863 Datasheet HTML 17Page - Microchip Technology MCP251863 Datasheet HTML 18Page - Microchip Technology MCP251863 Datasheet HTML 19Page - Microchip Technology MCP251863 Datasheet HTML 20Page - Microchip Technology MCP251863 Datasheet HTML 21Page - Microchip Technology MCP251863 Datasheet HTML 22Page - Microchip Technology MCP251863 Datasheet HTML 23Page - Microchip Technology MCP251863 Datasheet HTML 24Page - Microchip Technology MCP251863 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
 2022 Microchip Technology Inc. and its subsidiaries
DS20006624A-page 21
MCP251863
REGISTER 4-2:
IOCON – INPUT/OUTPUT CONTROL REGISTER
U-0
R/W-0
R/W-0
R/W-0
U-0
U-0
R/W-1
R/W-1
—
INTOD
SOF
TXCANOD
—
—PM1
PM0
bit 31
bit 24
U-0
U-0
U-0
U-0
U-0
U-0
R/W-x
R/W-x
—
—
—
—
—
—
GPIO1
GPIO0
bit 23
bit 16
U-0
U-0
U-0
U-0
U-0
U-0
R/W-x
R/W-x
—
—
—
—
—
—
LAT1
LAT0
bit 15
bit 8
U-0
R/W-0
U-0
U-0
U-0
U-0
R/W-1
R/W-1
—
XSTBYEN
—
—
—
—TRIS1(1)
TRIS0(1)
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 31
Unimplemented: Read as ‘0’
bit 30
INTOD: Interrupt pins Open Drain Mode
1 = Open Drain Output
0 = Push/Pull Output
bit 29
SOF: Start-Of-Frame signal
1 = SOF signal on CLKO pin
0 = Clock on CLKO pin
bit 28
TXCANOD: TXCAN Open Drain Mode
1 = Open Drain Output
0 = Push/Pull Output
bit 27-26
Unimplemented: Read as ‘0’
bit 25
PM1: GPIO Pin Mode
1 = Pin is used as GPIO1
0 = Interrupt Pin INT1, asserted when CiINT.RXIF and RXIE are set
bit 24
PM0: GPIO Pin Mode
1 = Pin is used as GPIO0
0 = Interrupt Pin INT0, asserted when CiINT.TXIF and TXIE are set
bit 23-18
Unimplemented: Read as ‘0’
bit 17
GPIO1: GPIO1 Status
1 =VGPIO1 > VIH
0 =VGPIO1 < VIL
bit 16
GPIO0: GPIO0 Status
1 =VGPIO0 > VIH
0 =VGPIO0 < VIL
bit 15-10
Unimplemented: Read as ‘0’
Note 1: If PMx = 0, TRISx will be ignored and the pin will be an output.
2: The bit fields in the IOCON register must be written using single data byte SFR WRITE instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com