Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EL3520JLFS Datasheet(PDF) 2 Page - C&K Components

Part # EL3520JLFS
Description  Basic Tact Switch for SMT
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

EL3520JLFS Datasheet(HTML) 2 Page - C&K Components

  EL3520JLFS Datasheet HTML 1Page - C&K Components EL3520JLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B
B–100
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
NEW
4 Aug 21
EL Series
Basic Tact Switch for SMT
3.5 MM HEIGHT
5.2 MM HEIGHT
6,2+0,3
0
3+0,1
-0,2
0,1
6,8+0,3
-0,1
3,3 mini
8,6 min
3 max
LAYOUT - PAD
*
SCALE 5
6,8+0,3
-0,1
2,7 0,1
0,1
6,2+0,3
0
3,3 mini
8,6 min
3 max
LAYOUT - PAD
*
SCALE 5



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com