Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74F256 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F256
Description  Dual addressable latch
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F256 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F256 Datasheet HTML 1Page - NXP Semiconductors 74F256 Datasheet HTML 2Page - NXP Semiconductors 74F256 Datasheet HTML 3Page - NXP Semiconductors 74F256 Datasheet HTML 4Page - NXP Semiconductors 74F256 Datasheet HTML 5Page - NXP Semiconductors 74F256 Datasheet HTML 6Page - NXP Semiconductors 74F256 Datasheet HTML 7Page - NXP Semiconductors 74F256 Datasheet HTML 8Page - NXP Semiconductors 74F256 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product specification
74F256
Dual addressable latch
2
1988 Nov 29
853–0359 95207
FEATURES
Combines dual demultiplexer and 8-bit latch
Serial-to-parallel capability
Output from each storage bit available
Random (addressable) data entry
Easily expandable
Common reset input
Useful as dual 1-of-4 active High decoder
DESCRIPTION
The 74F256 dual addressable latch has four distinct modes of
operation which are selectable by controlling the Master Reset (MR)
and Enable (E) inputs (see Function Table). In the addressable latch
mode, data at the Data inputs is written into the addressed latches.
The addressed latches will follow the Data input with all
unaddressed latches remaining in their previous states. In the
memory mode, all latches remain in their previous states and are
unaffected by the Data or Address inputs. To eliminate the possibility
of entering erroneous data in the latches, the enable should be held
High (inactive) while the address lines are changing. In the dual
1-of-4 decoding or demultiplexing mode (MR=E=Low), addressed
outputs will follow the level of the Data inputs, with all other outputs
Low. In the Master Reset mode, all outputs are Low and unaffected
by the Address and Data inputs.
PIN CONFIGURATION
16
15
14
13
12
11
10
7
6
5
4
3
2
1
9
8
VCC
A0
A1
Da
Q0a
Q1a
Q2a
Q3a
GND
MR
E
Db
Q3b
Q2b
Q1b
Q0b
SF00805
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL SUPPLY
CURRENT (TOTAL)
74F256
7.0ns
28mA
ORDERING INFORMATION
ORDER CODE
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
16-pin plastic DIP
N74F256N
SOT38-4
16-pin plastic SO
N74F256D
SOT109-1
INPUT AND OUTPUT LOADING AND FAN OUT TABLE
PINS
DESCRIPTION
74F (U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Da, Db
Port A, port B inputs
1.0/1.0
20
µA/0.6mA
A0, A1
Address inputs
1.0/1.0
20
µA/0.6mA
E
Enable (active Low)
1.0/1.0
20
µA/0.6mA
MR
Master Reset inputs (active Low)
1.0/1.0
20
µA/0.6mA
Q0a – Q3a
Port A outputs
50/33
1.0mA/20mA
Q0b – Q3b
Port B outputs
50/33
1.0mA/20mA
NOTE:
One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com