Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBT4403 Datasheet(PDF) 5 Page - Weitron Technology

Part # MMBT4403
Description  Switching Transistor PNP Silicon
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBT4403 Datasheet(HTML) 5 Page - Weitron Technology

  MMBT4403 Datasheet HTML 1Page - Weitron Technology MMBT4403 Datasheet HTML 2Page - Weitron Technology MMBT4403 Datasheet HTML 3Page - Weitron Technology MMBT4403 Datasheet HTML 4Page - Weitron Technology MMBT4403 Datasheet HTML 5Page - Weitron Technology MMBT4403 Datasheet HTML 6Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
S TAT IC C HAR AC T E R IS T IC S
Figure 14. DC Current Gain
IC, COLLECTOR CURRENT (mA)
Figure 15. Collector Saturation Region
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0.1
0.5
2.0
3.0
50
0.2
0.3
0
1.0
0.7
5.0 7.0
IC = 1.0 mA
0.07
0.05
0.03
0.02
0.01
10 mA
100 mA
10
20
30
0.3
0.5
0.7
1.0
3.0
0.1
0.5
2.0
3.0
10
50
70
0.2
0.3
0.2
100
1.0
0.7
500
30
20
5.0 7.0
TJ = 125 C
- 55 C
2.0
200
300
25 C
VCE = 1.0 V
VCE = 10 V
Figure 16. On V oltages
IC, COLLECTOR CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
Figure 17. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
1.0 2.0
5.0 10
20
50
0
100
0.5
0
0.5
1.0
1.5
2.0
500
TJ = 25 C
VBE(sat)@ IC/IB= 10
VCE(sat)@ IC/IB= 10
VBE(sat)@ VCE = 10 V
VC for VCE(sat)
VS for VBE
200
0.1 0.2
0.5
2.5
1.0 2.0
5.0
10
20
50 100
500
200
0.1 0.2
0.5
500 mA
0.005
MMBT4403
WEITRON
http://www.weitron.com.tw
"
"



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com