Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LM2830XMF Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM2830XMF
Description  High Frequency 1.0A Load - Step-Down DC-DC Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2830XMF Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM2830XMF Datasheet HTML 16Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 17Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 18Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 19Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 20Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 21Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 22Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 23Page - National Semiconductor (TI) LM2830XMF Datasheet HTML 24Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LM2830Z Design Example 5
Bill of Materials
Part ID
Part Value
Manufacturer
Part Number
U1
1.0A Buck Regulator
NSC
LM2830Z
C1, Input Cap
22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
C2, Output Cap
22µF, 6.3V, X5R
TDK
C3216X5ROJ226M
D1, Catch Diode
0.3V
f Schottky 1.5A, 30VR
TOSHIBA
CRS08
L1
1.6µH, 2.0A
TDK
VLCF4018T-1R6N1R7-2
R2
10.0k
Ω, 1%
Vishay
CRCW08051002F
R1
10.0k
Ω, 1%
Vishay
CRCW08051002F
R3
100k
Ω, 1%
Vishay
CRCW08051003F
20197407
FIGURE 10. LM2830Z (3MHz): Vin = 5V, Vo = 1.2V @ 1.0A
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com