Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIL15 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # SIL15
Description  15A Non-Isolated DC/DC Converters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL15 Datasheet(HTML) 1 Page - Artesyn Technologies

  SIL15 Datasheet HTML 1Page - Artesyn Technologies SIL15 Datasheet HTML 2Page - Artesyn Technologies SIL15 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DC/DC CONVERTERS
15A Non-Isolated DC/DC Converters
1
2 YEAR WARRANTY
SIL15 Series
Single output
• Ultra-wide trim range (0.9V to 3.3V/5V)
• Current sink capable for termination applications
• Horizontal and vertical models available
• High power density design means reduced board space
requirement
• Power good output signal (open collector)
• Operating ambient temperature up to +80ºC with suitable
derating and forced air cooling
• Remote ON/OFF (active high)
• 0A minimum load
• Input undervoltage lockout
• Over-current and short-circuit protection
The SIL15 Series is a new high density open frame non-isolated converter for space-
sensitive applications. Each model has a wide input range (4.5V to 5.5V or 10.2V to
13.8V) and offer a wide 0.9V to 3.3V/5V output voltage range with a 15A load. An external
resistor adjusts the output voltage from its pre-set value of 0.9V to any value up to the
maximum allowed value for that model. Typical efficiencies are 89% for the 5V input
version and 91% for the 12V input version. The SIL15 series offers remote ON/OFF and
over-current protection as standard. With full international safety approval including
EN60950 and
UL/cUL60950, the SIL15 reduces compliance costs and time to market.
NEW Product
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
SPECIFICATIONS
OUTPUT SPECIFICATIONS
Voltage adjustability
5V input models
0.9V to 3.3V
(See Note 5)
12V input models
0.9V to 5.0V
Output setpoint accuracy With 1.0% trim resistors
±2.5%
Line regulation
Low line to high line
±0.2% max.
Load regulation
Full load to min. load
±0.5% max.
Min/max load
0A/15A
Overshoot
5V input models
3% max.
(at turn on)
12V input models
1% max.
Undershoot
100mV max.
Ripple and noise
(See Note 1)
See table
5Hz to 20MHz
Transient response
Deviation
100mV
(See Note 2)
200µs recovery to
within regulation band
INPUT SPECIFICATIONS
Input voltage range
5V input model
4.5 to 5.5VDC
12V input model
10.2 to 13.8VDC
Input current
Minimum load
65mA
Remote OFF
20mA
Input current (max.)
5V input model
11.5A @ Io max.
(See Note 3)
12V input model
8.1A @ Io max.
Input reflected ripple
5V input model
200mA (pk-pk)
(See Note 4)
12V input model
200mA (pk-pk)
Remote ON/OFF
Logic compatibility
Active high
ON
>2.4VDC
OFF
<0.8VDC
Start-up time
Power up
<20ms
(See Note 9)
Remote ON/OFF
<20ms
File Name: SIL15.PDF Rev: 10 Dec 2002
INPUT SPECIFICATIONS Contd.
Turn ON threshold
5V input model
4.5V
12V input model
9.0V
Turn OFF threshold
5V input model
4.3V
12V input model
7.5V
GENERAL SPECIFICATIONS
Efficiency
See table
Switching frequency
Fixed
200kHz typ.
Approvals and
TÜV Product Service
standards (See Note 7)
IEC60950, UL/cUL60950
Material flammability
UL94V-0
Weight
14.2g (0.5oz)
MTBF
MIL-HDBK-217F
468,803 hours
Representative model:
12V model @ 40ºC
100% load, ground benign
Bellcore 332
7,817,294 hours
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient,
0°C to +80°C
(See Note 10)
temperature
Non-operating
-40°C to +125°C
Altitude derating
3,000m (9,843 ft.)
20%
(above sea level)
10,000m (32,808 ft.)
50%


Similar Part No. - SIL15

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
SIL15 EMERSON-NETWORKPOWER-SIL15 Datasheet
114Kb / 3P
DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
SIL15-05SADJ-V EMERSON-NETWORKPOWER-SIL15-05SADJ-V Datasheet
114Kb / 3P
DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
SIL15-12SADJ-V EMERSON-NETWORKPOWER-SIL15-12SADJ-V Datasheet
114Kb / 3P
DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
logo
Meder Electronic
SIL15-1A31-71D MEDER-SIL15-1A31-71D Datasheet
290Kb / 4P
Single-In-Line Reed Relays
SIL15-1A31-71DHR MEDER-SIL15-1A31-71DHR Datasheet
511Kb / 4P
Single-In-Line
More results

Similar Description - SIL15

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
NCA015 CANDD-NCA015 Datasheet
316Kb / 22P
Non-Isolated 15A SIP/SMT DC/DC Converters
NNL05 CANDD-NNL05_06 Datasheet
1Mb / 10P
Non-Isolated DC/DC Converters
logo
Bel Fuse Inc.
S7KS-25D BEL-S7KS-25D Datasheet
129Kb / 4P
NON-ISOLATED DC/DC CONVERTERS
SRBA-03E1AX BEL-SRBA-03E1AX Datasheet
219Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
SRBA-06A1AX BEL-SRBA-06A1AX_07 Datasheet
295Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
VRBA-06A1AX BEL-VRBA-06A1AX_07 Datasheet
248Kb / 8P
NON-ISOLATED DC/DC CONVERTERS
VRBC-16A2AX BEL-VRBC-16A2AX_07 Datasheet
301Kb / 10P
NON-ISOLATED DC/DC CONVERTERS
logo
Emerson Network Power
SIL15 EMERSON-NETWORKPOWER-SIL15 Datasheet
114Kb / 3P
DC/DC CONVERTERS 15A Non-Isolated DC/DC Converters
logo
Murata Power Solutions ...
NCA015 MURATA-PS-NCA015 Datasheet
372Kb / 22P
Non-Isolated 15A SIP/SMT DC/DC Converters
logo
Murata Manufacturing Co...
NCA015 MURATA-NCA015 Datasheet
372Kb / 22P
Non-Isolated 15A SIP/SMT DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com