Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

357VB3I Datasheet(PDF) 3 Page - CTS Corporation

Part # 357VB3I
Description  5x7mm Low Cost Surface Mount VCXO
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTS [CTS Corporation]
Direct Link  http://www.ctscorp.com
Logo CTS - CTS Corporation

357VB3I Datasheet(HTML) 3 Page - CTS Corporation

  357VB3I Datasheet HTML 1Page - CTS Corporation 357VB3I Datasheet HTML 2Page - CTS Corporation 357VB3I Datasheet HTML 3Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
♦ ♦ ♦ CTS Communications Components, Inc. ♦ 171 Covington Drive ♦ Bloomingdale, IL 60108 ♦ 630-924-3500 ♦ ♦ ♦
Document No. 008-0244-0
Page 3 of 3
Rev F (redline) ECO #
Model 357
5x7mm Low Cost
Surface Mount VCXO
Dimensions in Millimeters
DIRECTION OF FEED
5.40
5.70
8.40
7.90
16.0
8.0
4.0
Ø1.50
1.75
2.10
2.40
Ø23
Ø180
Ø60
17.5
120°
Ø13
2.0
ENVIRONMENTAL SPECIFICATIONS
Storage Temperature:
-55°C to +125°C.
Temperature Cycle:
400 cycles, -55°C to +125°C, 10 min dwell, 1 min transfer.
Mechanical Shock:
1,500g’s, 0.5mS, ½ sinewave, 3 shocks each direction, in 3 planes.
Sinusoidal Vibration:
0.06” D.A., 10 to 55 Hz and 20g’s, 55 to 2,000 Hz,
3 cycles per plane.
Gross Leak:
No leak shall appear while immersed in an FC40 or equivalent
liquid at 125°C for 20 seconds.
Fine Leak:
Mass spectrometer leak rates less than 2x10
-8 ATM cc/sec air
equivalent.
Resistance to Soldering Heat:
Product must survive 3 reflows of 260°C peak, 10 seconds
maximum.
High Temperature Operating Bias:
2,000 hours at 125°C, disregarding frequency shift.
Frequency Aging:
< 5 ppm shift in 1,000 hours at 85°C.
TAPE AND REEL INFORMATION
Device quantity shall be 1,000 pieces on a 180mm reel.
Suggested Reflow Profile
0
100
200
300
0
20
40
60
80 100 120 140 160 180 200 220 240 260 280 300
T im e (S eco nd s)
Tem p .
(°C )
M axim um 260 °C , 10 seconds
Typical 245°C
130°C



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com