Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MM54HC595 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54HC595
Description  8-Bit Shift Registers with Output Latches
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54HC595 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MM54HC595 Datasheet HTML 1Page - National Semiconductor (TI) MM54HC595 Datasheet HTML 2Page - National Semiconductor (TI) MM54HC595 Datasheet HTML 3Page - National Semiconductor (TI) MM54HC595 Datasheet HTML 4Page - National Semiconductor (TI) MM54HC595 Datasheet HTML 5Page - National Semiconductor (TI) MM54HC595 Datasheet HTML 6Page - National Semiconductor (TI) MM54HC595 Datasheet HTML 7Page - National Semiconductor (TI) MM54HC595 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF5342
January 1988
MM54HC595MM74HC595
8-Bit Shift Registers with Output Latches
General Description
This high speed shift register utilizes advanced silicon-gate
CMOS technology This device possesses the high noise
immunity and low power consumption of standard CMOS
integrated circuits as well as the ability to drive 15 LS-TTL
loads
This device contains an 8-bit serial-in parallel-out shift reg-
ister that feeds an 8-bit D-type storage register The storage
register has 8 TRI-STATE
outputs Separate clocks are
provided for both the shift register and the storage register
The shift register has a direct-overriding clear serial input
and serial output (standard) pins for cascading Both the
shift register and storage register use positive-edge trig-
gered clocks If both clocks are connected together the
shift register state will always be one clock pulse ahead of
the storage register
The 54HC74HC logic family is speed function and pin-out
compatible with the standard 54LS74LS logic family All
inputs are protected from damage due to static discharge by
internal diode clamps to VCC and ground
Features
Y
Low quiescent current 80 mA maximum (74HC Series)
Y
Low input current 1 mA maximum
Y
8-bit serial-in parallel-out shift register
with storage
Y
Wide operating voltage range 2V – 6V
Y
Cascadable
Y
Shift register has direct clear
Y
Guaranteed shift frequency DC to 30 MHz
Connection Diagram
Dual-In-Line Package
TLF5342 – 1
Top View
Order Number MM54HC595 or MM74HC595
Truth Table
RCK
SCK
SCLR
G
Function
XX
X
H
QA thru QHeTRISTATE
X
X
L
L
Shift Register cleared
Q He
X
u
H
L
Shift Register clocked
QNeQn
Q eSER
u
X
H
L
Contents of Shift
Register transferred
to output latches
TRI-STATE
is a registered trademark of National Semiconductor Corp
C1995 National Semiconductor Corporation
RRD-B30M105Printed in U S A


Similar Part No. - MM54HC595

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54HC51 NSC-MM54HC51 Datasheet
126Kb / 4P
Dual AND-OR-Invert Gate / Dual AND-OR Gate
MM54HC51J NSC-MM54HC51J Datasheet
126Kb / 4P
Dual AND-OR-Invert Gate / Dual AND-OR Gate
MM54HC533 NSC-MM54HC533 Datasheet
101Kb / 4P
TRI-STATE-R Octal D-Type Latch with Inverted Outputs
MM54HC533J NSC-MM54HC533J Datasheet
101Kb / 4P
TRI-STATE-R Octal D-Type Latch with Inverted Outputs
MM54HC58J NSC-MM54HC58J Datasheet
126Kb / 4P
Dual AND-OR-Invert Gate / Dual AND-OR Gate
More results

Similar Description - MM54HC595

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LS594 TI-SN54LS594 Datasheet
165Kb / 5P
8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN54LS595 TI-SN54LS595 Datasheet
248Kb / 15P
8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN54LS597 TI-SN54LS597 Datasheet
345Kb / 10P
8-BIT SHIFT REGISTERS WITH INPUT LATCHES
logo
Fairchild Semiconductor
MM74HC595 FAIRCHILD-MM74HC595 Datasheet
93Kb / 10P
8-Bit Shift Registers with Output Latches
MM74HC595 FAIRCHILD-MM74HC595_04 Datasheet
121Kb / 10P
8-Bit Shift Registers with Output Latches
MM74HC597 FAIRCHILD-MM74HC597_04 Datasheet
91Kb / 8P
8-Bit Shift Registers with Input Latches
logo
Texas Instruments
SN54LS595 TI-SN54LS595_07 Datasheet
1Mb / 24P
8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
logo
Tiger Electronic Co.,Lt...
74HC595D TGS-74HC595D Datasheet
219Kb / 9P
8-Bit Shift Registers with Output Latches
logo
Texas Instruments
SN54LS594 TI1-SN54LS594_09 Datasheet
396Kb / 7P
8-BIT SHIFT REGISTERS WITH OUTPUT LATCHES
SN54LS597 TI1-SN54LS597_15 Datasheet
674Kb / 19P
8-BIT SHIFT REGISTERS WITH INPUT LATCHES
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com