Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMBTH10 Datasheet(PDF) 1 Page - Weitron Technology

Part # MMBTH10
Description  NPN Silicon VHF/UHF Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

MMBTH10 Datasheet(HTML) 1 Page - Weitron Technology

  MMBTH10 Datasheet HTML 1Page - Weitron Technology MMBTH10 Datasheet HTML 2Page - Weitron Technology MMBTH10 Datasheet HTML 3Page - Weitron Technology MMBTH10 Datasheet HTML 4Page - Weitron Technology MMBTH10 Datasheet HTML 5Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MAXIMUM RATINGS
Collector-Emitter Voltage
Collector-Base Voltage
Emitter-Base Voltage
Symbol
VCEO
VCBO
VEBO
Value
Unit
Vdc
Vdc
Vdc
Rating
Characteristics
Symbol
Min
Max
Unit
ELECTRICAL CHARACTERISTICS
Collector-Emitter Breakdown Voltage (IC= 1.0 mAdc, IB=0)
Collector-Base Breakdown Voltage (IC= 100 uAdc, IE=0)
Emitter-Base Breakdown Voltage (IE= 10 uAdc, IC=0)
Collector Cutoff Current (VCB= 25Vdc, I E=0)
Emitter Cutoff Current (VEB= 2.0 V c, I =0)
V(BR)CEO
V(BR)CBO
V(BR)EBO
ICBO
IEBO
3.0
-
-
-
-
-
100
Vdc
Vdc
Vdc
nAdc
nAdc
MMBTH10
NPN Silicon VHF/UHF Transistor
(Ta=25 C)
25
30
3.0
THERMAL CHARACTERISTICS
Total Device Dissipation FR-5 Board
T =25 C
Derate above 25 C
Thermal Resistance, Junction Ambient
Symbol
Value
Unit
mW
Characteristics
1.8
556
T
225
Device Marking
MMBTH10=3EM
25
30
100
d
C
(1)
A
PD
mW/ C
C/W
R JA
J, Tstg
Junction and Storage, Temperature
-55 to +150
C
1. FR-5=1.0 0.75 0.062 in
I
I
I
I
SOT-23
1
2
3
COLLECTOR
EMITTER
BASE
θ
WEITRON
http://www.weitron.com.tw
1/5
29-Aug-05
Lead(Pb)-Free
P b
50
I C
Collector Current - Continuous
mAdc


Similar Part No. - MMBTH10

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
71Kb / 6P
NPN RF Transistor
logo
Diodes Incorporated
MMBTH10 DIODES-MMBTH10 Datasheet
55Kb / 2P
NPN SURFACE MOUNT VHF/UHF TRANSISTOR
DS31031 Rev. 4 - 2
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10 Datasheet
196Kb / 5P
RF TRANSISTOR
logo
Fairchild Semiconductor
MMBTH10 FAIRCHILD-MMBTH10 Datasheet
502Kb / 14P
NPN RF Transistor
logo
Pan Jit International I...
MMBTH10 PANJIT-MMBTH10 Datasheet
128Kb / 3P
NPN HIGH FREQUENCY TRANSISTOR
More results

Similar Description - MMBTH10

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE69 NTE-NTE69 Datasheet
20Kb / 2P
Silicon NPN Transistor UHF/VHF Amplifier
logo
Zetex Semiconductors
BFQ31A ZETEX-BFQ31A Datasheet
36Kb / 1P
NPN SILICON PLANAR VHF/UHF TRANSISTOR
ZUMT918 ZETEX-ZUMT918 Datasheet
19Kb / 1P
NPN SILICON PLANAR VHF/UHF TRANSISTOR
logo
ON Semiconductor
MMBTH10LT1 ONSEMI-MMBTH10LT1 Datasheet
52Kb / 6P
VHF/UHF Transistor (NPN Silicon)
December, 2003 ??Rev. 2
MMBT918LT1 ONSEMI-MMBT918LT1 Datasheet
48Kb / 3P
VHF/UHF Transistor NPN Silicon
January, 2006 ??Rev. 5
logo
SEMTECH ELECTRONICS LTD...
MMBTH10 SEMTECH_ELEC-MMBTH10 Datasheet
130Kb / 1P
NPN Silicon VHF/UHF Transistor
logo
ON Semiconductor
MMBT918LT1G ONSEMI-MMBT918LT1G_09 Datasheet
118Kb / 3P
VHF/UHF Transistor NPN Silicon
August, 2009 ??Rev. 6
logo
Pan Jit International I...
MMBT918 PANJIT-MMBT918 Datasheet
142Kb / 3P
VHF/UHF NPN SILICON TRANSISTOR
MMBT918W PANJIT-MMBT918W Datasheet
97Kb / 3P
VHF/UHF NPN SILICON TRANSISTOR
MMBTH10 PANJIT-MMBTH10_06 Datasheet
154Kb / 5P
VHF/UHF NPN SILICON TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com