Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4331IUFDTRPBF Datasheet(PDF) 13 Page - Analog Devices

Part # LTC4331IUFDTRPBF
Description  I2C Slave Device Extender Over Rugged Differential Link
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC4331IUFDTRPBF Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC4331IUFDTRPBF Datasheet HTML 9Page - Analog Devices LTC4331IUFDTRPBF Datasheet HTML 10Page - Analog Devices LTC4331IUFDTRPBF Datasheet HTML 11Page - Analog Devices LTC4331IUFDTRPBF Datasheet HTML 12Page - Analog Devices LTC4331IUFDTRPBF Datasheet HTML 13Page - Analog Devices LTC4331IUFDTRPBF Datasheet HTML 14Page - Analog Devices LTC4331IUFDTRPBF Datasheet HTML 15Page - Analog Devices LTC4331IUFDTRPBF Datasheet HTML 16Page - Analog Devices LTC4331IUFDTRPBF Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
LTC4331
13
Rev 0
For more information www.analog.com
APPLICATIONS INFORMATION
device, configured for local mode, encodes and transmits
the captured I2C events to the remote I2C network where
they are recreated on the remote I2C bus. If additional
LTC4331 devices configured as slaves, REMOTE set
low, are connected to the remote I2C network, they also
transmit the events to the 3rd tier I2C network, and so
on. The local side LTC4331 always holds SCL low on the
9th bit waiting for an (N)ACK response from the remote
slave device(s). When the local side LTC4331 receives the
response, SCL is released with the response data set on
the I2C bus. If the R/W bit is set to Write, the bus turns
around after the ACK and the local LTC4331 switches
back to slave-receive mode in order to capture the incom-
ing write data. After the 8th SCL clock, the bus and link
direction reverse in order to retrieve the (N)ACK response
from the remote slave device. This sequence continues
until the master sends a START or STOP condition. Data
to be transferred across the link is stored in a buffer if the
local I2C transaction is faster than the effective link rate.
See Figure10.
If a local LTC4331 detects that all remote slaves have
NACK’d the slave address byte, it ceases transmitting fur-
ther I2C data to the remote side until a STOP or REPEATED
START condition is detected. This feature prevents the
LTC4331 from stalling the bus unnecessarily when the
transaction is addressed to a separate local slave device.
Note that in this scenario, the remote side SCL is held low
until a STOP or START condition is detected. Unusually
long cycle times could activate the tTIMEOUT condition.
In the case of a read transaction to a remote slave device,
the local LTC4331 slave device stalls the bus during the
read data phase. During this time, the remote LTC4331
I2C master prefetches the next byte from the remote slave
device. The read data byte is transmitted across the dif-
ferential link and stored in a local buffer. As bits become
available in the local buffer, the local LTC4331 drives them
onto SDA and releases SCL according to the configured
setup time tSU:DAT:SLAVE. After the complete byte has been
read, the I2C bus and differential link are turned around.
The local I2C master either ACKs or NACKs during this
time. If the master ACKs, the sequence is repeated. This
bus and link direction is reversed, and the next byte is
prefetched from the remote slave device. If the master
then NACKs, the bus and link do not reverse direction.
The master is then expected to send a STOP or START
event. See Figure11.
Differential Link
Internally,theLTC4331utilizesahighperformanceRS485
compliant transceiver to communicate over the link. The
A and B pins are fault protected to ±60V. In addition, the
transceiver operates over an extended common mode
range of ±15V making it suitable for noisy environments
or systems with ground potential differences. Data is
exchanged between the LTC4331 devices using a custom
packet which has a selectable baud rate based on the
configuration of the SPEED1 and SPEED2 pins. Selectable
baud rates over the cable allow balancing performance
with cable length specific to the application. Both sides
of the link must be set to the same speed configuration in
order to match the baud rates and allow communication.
The LTC4331 allows slew rate limiting over the differential
linkoutputstoreduceEMIinsensitiveapplications.Setting
the SLO pin low activates the slew rate limiting circuit.
Once in slew limiting mode, SPEED1 and SPEED2 pins
must only be configured for Speed Index 0 or 1. Setting
SPEED1/2 to a speed index of 2 or higher when SLO is low
results in link data corruption regardless of cable length.
The LTC4331 I2C slave device extension solution is point-
to-point only. Multidrop or multipoint configurations on
the differential link are not allowed.
±40kV ESD Protection
The LTC4331 features exceptionally robust ESD protec-
tion. The link interface pins (A, B) feature protection to
±40kV HBM with respect to GND, VCC (with a 4.7F capac-
itor to GND), A or B without latchup or damage, during all
modes of operation or while unpowered.
Level 4 IEC ESD and EFT Protection
The improved ESD protection of the LTC4331 provides a
high level of protection in the IEC ESD and EFT (Electrical
Fast Transient) tests. The IEC ESD stress exceeds that of
the HBM test in peak current, amplitude, and rise time,
while the EFT test provides a prolonged repetitive stress.
Combined with the HBM test, the IEC tests help ensure
that the LTC4331 is robust under a wide range of real



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com