Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1191N115D Datasheet(PDF) 3 Page - Nisshinbo Micro Devices Inc.

Part # R1191N115D
Description  300mA LDO REGULATOR with the Reverse Current Protection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1191N115D Datasheet(HTML) 3 Page - Nisshinbo Micro Devices Inc.

  R1191N115D Datasheet HTML 1Page - Nisshinbo Micro Devices Inc. R1191N115D Datasheet HTML 2Page - Nisshinbo Micro Devices Inc. R1191N115D Datasheet HTML 3Page - Nisshinbo Micro Devices Inc. R1191N115D Datasheet HTML 4Page - Nisshinbo Micro Devices Inc. R1191N115D Datasheet HTML 5Page - Nisshinbo Micro Devices Inc. R1191N115D Datasheet HTML 6Page - Nisshinbo Micro Devices Inc. R1191N115D Datasheet HTML 7Page - Nisshinbo Micro Devices Inc. R1191N115D Datasheet HTML 8Page - Nisshinbo Micro Devices Inc. R1191N115D Datasheet HTML 9Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
R1191x
NO.EA-229-220315
3
PIN CONFIGURATIONS
• DFN1616-6*1
• SOT-23-5
• SOT-89-5
Top View
3
4
2
5
1
6
Bottom View
1
6
2
5
3
4
∗
1
4
5
2
3
(mark side)
1
3
5
4
2
PIN DISCRIPTIONS
• DFN1616-6*1
Pin No
Symbol
Pin Description
1
ECO
Low Power / Fast Mode Changer Pin ("H": Fast Mode)
2
NC
No Connection
3
VDD
Input Pin
4
VOUT
Output pin
5
GND
Ground Pin
6
CE
Chip Enable Pin ("H" Active)
∗
1) Tab is GND level. (They are connected to the reverse side of this IC.)
The tab is better to be connected to the GND, but leaving it open is also acceptable.
• SOT-23-5
Pin No
Symbol
Pin Description
1
ECO
Low Power / Fast Mode Changer Pin ("H": Fast Mode)
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
VOUT
Output pin
5
VDD
Input Pin
• SOT-89-5
Pin No
Symbol
Pin Description
1
VOUT
Output pin
2
GND
Ground Pin
3
CE
Chip Enable Pin ("H" Active)
4
ECO
Low Power / Fast Mode Changer Pin ("H": Fast Mode)
5
VDD
Input Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com