Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R1191H115D Datasheet(PDF) 21 Page - Nisshinbo Micro Devices Inc.

Part # R1191H115D
Description  300mA LDO REGULATOR with the Reverse Current Protection
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NISSHINBO [Nisshinbo Micro Devices Inc.]
Direct Link  https://www.nisshinbo-microdevices.co.jp/en/
Logo NISSHINBO - Nisshinbo Micro Devices Inc.

R1191H115D Datasheet(HTML) 21 Page - Nisshinbo Micro Devices Inc.

Back Button R1191H115D Datasheet HTML 17Page - Nisshinbo Micro Devices Inc. R1191H115D Datasheet HTML 18Page - Nisshinbo Micro Devices Inc. R1191H115D Datasheet HTML 19Page - Nisshinbo Micro Devices Inc. R1191H115D Datasheet HTML 20Page - Nisshinbo Micro Devices Inc. R1191H115D Datasheet HTML 21Page - Nisshinbo Micro Devices Inc. R1191H115D Datasheet HTML 22Page - Nisshinbo Micro Devices Inc. R1191H115D Datasheet HTML 23Page - Nisshinbo Micro Devices Inc. R1191H115D Datasheet HTML 24Page - Nisshinbo Micro Devices Inc. R1191H115D Datasheet HTML 25Page - Nisshinbo Micro Devices Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
R1191x
NO.EA-229-220315
21
13) Load Transient Response (C1=2.2µF, C2=4.7µF, tr=tf=0.1µs, Topt=25°C)
R1191x020x ECO=H
R1191x020x ECO=H
R1191x020x ECO=L
R1191x020x ECO=H
R1191x020x ECO=L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com