Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

APB Datasheet(PDF) 1 Page - C&K Components

Part # APB
Description  Backlit Pushbutton Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

APB Datasheet(HTML) 1 Page - C&K Components

  APB Datasheet HTML 1Page - C&K Components APB Datasheet HTML 2Page - C&K Components APB Datasheet HTML 3Page - C&K Components APB Datasheet HTML 4Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
A-114
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ckswitches.com
A
Features/Benefits
• IP67 sealed
• 1,000,000 life cycle
• Illumination
• Threaded or snap-in mounting
• RoHS compliant
Typical Applications
• Harsh environments
• Off-Road
• Industrial
• Medical
• Transportation
• Joystick control modules
• Gaming
• Military
Specifications
FUNCTION: SPST Momentary
CONTACT ARRANGEMENT: N.O.
MOUNTING TYPE:
Snap-in (no panel seal)
Threaded body (hex nut, lock washer, and panel seal gasket provided)
Torque spec for threaded body: Do not exceed 8-9 in-lbs (0.9-1.0 N.m)
Mechanical
OPERATING LIFE: 1,000,000 cycles
TOTAL TRAVEL: 2.1 ± 0.2 mm
OPERATING POINT 1.55 ± 0.25 mm
OVER TRAVEL: 0.6 min.
OPERATING FORCE: 4N ± 1N standard configuration; other force
option 2N ± 0.5N
VIBRATION: 10-500 Hz 10g Max
SHOCK: 60g 11ms sawtooth wave
Electrical
CONTACT RATING:
200mA @ 24 V DC resistive (500,000 cycles)
100mA @ 50 V DC resistive (500,000 cycles)
400mA @ 32 V AC resistive (500,000 cycles)
125mA @ 125 V AC resistive (1,000,000 cycles)
DIELECTRIC STRENGTH: 1000 V AC min.
INSULATION RESISTANCE: 1 G Ω @ 500 VDC
INITIAL CONTACT RESISTANCE 50 mΩ max (without wire leads)
BOUNCE TIME: <5 ms
Materials
HOUSING: PBT
BASE: PBT
CAP: Painted polycarbonate
ACTUATOR:
Illuminated: Clear polycarbonate
INTERNAL SEAL: Silicone rubber
TERMINALS: Copper alloy, gold over silver plating
MOVABLE CONTACT: Copper alloy, gold over silver plating
TERMINAL SEAL: Epoxy
WIRE LEADS: UL1569 Black 22 AWG
Operating Environment
OPERATING TEMPERATURE: -40˚C to 85˚C
ESD PROTECTION: 20 KV min.
Process Environment
SEALING: IP67 for threaded body
IP65 for snap-in version (no panel seal)
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, please contact Customer Service.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box.
Designation
APB
APB Series
E
B
P
A
APB Series
Backlit Pushbutton Switch
Operating Force
2
2 Newtons
4
4 Newtons
Cap
E
Extended Dome (600E)
Illumination
01
Super White
07
Super Blue
E
Contact Material
B
Gold
Terminal Seal
E
Epoxy
Termination
Z
Solder Lug
W
12” Wire Leads 22 AWG
Bushing Style
S
Snap-in plastic
T
Threaded plastic
B
Cap Symbol
000
Painted black over
white without symbol*
001
Plus
002
Locked
003
Engine stop
004
Park brake release
005
Engine start
006
Fast
007
Slow
008
Unlocked
009
Rock shaft lower
010
Minus
* cap painted black over white to
allow customer laser etching
28 Jul 21


Similar Part No. - APB

ManufacturerPart #DatasheetDescription
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
Backlit Pushbutton Switch
logo
Carlo Gavazzi Holding A...
APB-1 CARLOGAVAZZI-APB-1 Datasheet
661Kb / 3P
Photoelectrics Accessories Mounting Material
logo
Electrolube
APB000 ELECTROLUBE-APB000 Datasheet
11Kb / 1P
Air Powered Bottle
03/97
logo
Kingbright Corporation
APB3025CGKQWDF KINGBRIGHT-APB3025CGKQWDF Datasheet
305Kb / 7P
3.0x2.5mm SURFACE MOUNT LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APB3025CGKQWDF TO-GRACE-APB3025CGKQWDF Datasheet
1Mb / 7P
3.0x2.5mm SURFACE MOUNT LED LAMP
More results

Similar Description - APB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
logo
E-SWITCH
WBL E-SWITCH-WBL Datasheet
955Kb / 2P
ILLUMINATED PUSHBUTTON SWITCH
logo
Honeywell Accelerometer...
2PB11-T2 HONEYWELL-ACC-2PB11-T2 Datasheet
71Kb / 1P
ASSEMBLY-PUSHBUTTON SWITCH
logo
Omron Electronics LLC
A22-6DG OMRON-A22-6DG Datasheet
223Kb / 13P
Pushbutton Switch
logo
Honeywell Accelerometer...
4PB642 HONEYWELL-ACC-4PB642 Datasheet
186Kb / 1P
ASSEMBLY, PUSHBUTTON SWITCH
logo
Omron Electronics LLC
A22LHW6A11M OMRON-A22LHW6A11M Datasheet
223Kb / 13P
Pushbutton Switch
A226AR OMRON-A226AR Datasheet
223Kb / 13P
Pushbutton Switch
A2201A OMRON-A2201A Datasheet
223Kb / 13P
Pushbutton Switch
logo
C&K Components
APB CK-COMPONENTS-APB Datasheet
530Kb / 4P
Backlit Pushbutton Switch
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
28 Jul 21
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com