Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74F51 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74F51
Description  Dual 2-wide 2-input, 2-wise 3-input AND-OR-invert gate
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F51 Datasheet(HTML) 2 Page - NXP Semiconductors

  74F51 Datasheet HTML 1Page - NXP Semiconductors 74F51 Datasheet HTML 2Page - NXP Semiconductors 74F51 Datasheet HTML 3Page - NXP Semiconductors 74F51 Datasheet HTML 4Page - NXP Semiconductors 74F51 Datasheet HTML 5Page - NXP Semiconductors 74F51 Datasheet HTML 6Page - NXP Semiconductors 74F51 Datasheet HTML 7Page - NXP Semiconductors 74F51 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors
Product specification
74F51
Dual 2-wide 2-input, 2-wide 3-input AND-OR-invert gate
2
March 3, 1989
853–0054 95962
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F51
3.0ns
3.5mA
ORDERING INFORMATION
DESCRIPTION
COMMERCIAL RANGE
VCC = 5V ±10%,
Tamb = 0°C to +70°C
PKG DWG #
14-pin plastic DIP
N74F51N
SOT27-1
14-pin plastic SO
N74F51D
SOT108-1
PIN CONFIGURATION
14
13
12
11
10
9
8
7
6
5
4
3
2
1
GND
VCC
D0e
D0d
Q0
D0f
D0c
D0b
D0a
D1a
Q1
D1b
D1c
D1d
SF00085
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F (U.L.) HIGH/LOW
LOAD VALUE HIGH/LOW
Dna, Dnb, Dnc, Dnd, Dne, Dnf
Data inputs
1.0/1.0
20
µA/0.6mA
Q0, Q1
Data outputs
50/33
1.0mA/20mA
NOTE: One (1.0) FAST unit load is defined as: 20
µA in the High state and 0.6mA in the Low state.
LOGIC SYMBOL
D1a
D0f
D0b D0c D0d
D1b D1c
D0e
Q0
Q1
86
12
13
9
10
11
2
3
4
VCC = Pin 14
GND = Pin 7
SF00086
D0a
1
D1d
5
IEC/IEEE SYMBOL
SF00087
1
8
6
9
10
11
13
12
1
2
3
4
5
1
&
&
&
&
LOGIC DIAGRAM
VCC = Pin 14
GND = Pin 7
SF00088
1
12
13
2
3
D0a
D0b
D0c
D1a
D1b
Q0
8
9
10
11
D0d
D0e
D0f
4
5
D1c
D1d
Q1
6
FUNCTION TABLE FOR 3-INPUT GATES
INPUTS
OUTPUT
D0a
D0b
D0c
D0d
D0e
D0f
Q0
H
H
H
X
X
X
L
X
X
X
H
H
H
L
All other combinations
H
NOTES:
H = High voltage level
L
= Low voltage level
X = Don’t care
FUNCTION TABLE FOR 2-INPUT GATES
INPUTS
OUTPUT
D1a
D1b
D1c
D1d
Q1
H
H
X
X
L
X
X
H
H
L
All other combinations
H
NOTES:
H = High voltage level
L
= Low voltage level
X = Don’t care



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com