Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JV0805ML220L Datasheet(PDF) 6 Page - DB Lectro Inc

Part # JV0805ML220L
Description  VARISTORS (Multilayer Ceramic Transient Voltage Suppressor Standard Capacity)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

JV0805ML220L Datasheet(HTML) 6 Page - DB Lectro Inc

  JV0805ML220L Datasheet HTML 1Page - DB Lectro Inc JV0805ML220L Datasheet HTML 2Page - DB Lectro Inc JV0805ML220L Datasheet HTML 3Page - DB Lectro Inc JV0805ML220L Datasheet HTML 4Page - DB Lectro Inc JV0805ML220L Datasheet HTML 5Page - DB Lectro Inc JV0805ML220L Datasheet HTML 6Page - DB Lectro Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Maximum Surge Current:
JV0805ML030L-JV0805ML300L
VARISTORS
TVS 0805 SMD
10
100
CURRENT (I)
Maximum Clamping Voltage
1
Maximum leakage
10
µ A
100A
1A
100mA
1mA
100
µ A
10mA
10A
1
µ A
JV0805ML300L
JV0805ML260L
JV0805ML220L
JV0805ML180L
JV0805ML140L
JV0805ML120L
JV0805ML090L
JV0805ML050L
JV0805ML030L
V/I Characteristics
22,0
14,0
12,0
9,0
3,3
30,0
26,0
18,0
5,5
22,0
14,0
12,0
9,0
3,3
30,0
26,0
18,0
5,5
DB LECTRO Inc. 3600 boul. Matte suite i Boul. Matte suite i Brossard Qc J4Y-2Z2 tel:(450)-444-1424 fax:(450)-444-4714 www.dblectro.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com