Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FN2220-600-99-C2222-R99 Datasheet(PDF) 1 Page - Schaffner International Ltd

Part # FN2220-600-99-C2222-R99
Description  DC-Busbar EMC/RFI Filter for EV charging applications
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHAFFNER [Schaffner International Ltd]
Direct Link  https://www.schaffner.com/
Logo SCHAFFNER - Schaffner International Ltd

FN2220-600-99-C2222-R99 Datasheet(HTML) 1 Page - Schaffner International Ltd

  FN2220-600-99-C2222-R99 Datasheet HTML 1Page - Schaffner International Ltd FN2220-600-99-C2222-R99 Datasheet HTML 2Page - Schaffner International Ltd FN2220-600-99-C2222-R99 Datasheet HTML 3Page - Schaffner International Ltd FN2220-600-99-C2222-R99 Datasheet HTML 4Page - Schaffner International Ltd FN2220-600-99-C2222-R99 Datasheet HTML 5Page - Schaffner International Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DATA
SHEET
DC Filters FN2220, FN2230 and FN2240
DC-Busbar EMC/RFI Filter for EV charging applications
Designed for usage in EV charging applications
Ultra-compact filter
Multiple performance options
Design acc. to EV charging safety standards
Performance indicators
standard
high
very high
Rated current [A]
600
150
Technical specifications
Maximum continuous operating voltage
1000 VDC (FN222X, FN224X)
500 VDC (FN223X)
Operating frequency
DC
Rated currents
150 to 600 A @ 55 °C
Overload capability
6x rated current for 1 sec, once per hour
1.5x rated current for 1 minute, once per hour
Climatic class
40/100/21 acc. to IEC 60068-1
Temperature range (operation and storage)
-40 °C to +100 °C (with current derating >55 °C)
High potential test voltage
DC+ -> DC- 3600 VDC for 2 s (FN222X, FN224X)*
DC+ -> DC- 2000 VDC for 2 s (FN223X)*
DC+/DC- -> PE 5000 VDC for 2 s (FN222X, FN224X)*
DC+/DC- -> PE 2500 VDC for 2 s (FN223X)*
Pollution degree
PD 3 acc. IEC 60664-1
Overvoltage category
II acc. IEC 60664-1
Surge withstand
DC+/DC- to PE: 4000 V (FN223X) / 6000 V (FN222X,
FN224X); DC+ to DC-: 2000 V; acc. to IEC 61000-4-5
Altitude
up to 2000 m no derating applies. Above 2000 m
derating acc. to IEC 60664-1 applies
Protection category
IP00 acc. to IEC 60529
Vibration and shock
3M12 (operation) acc. to IEC 60721-3-3
Flammability corresponding to
Plastics: UL 94 V-0
MTBF
> 300,000 hours
Cooling
Natural convection AN
Certified to
UL 60939-3, IEC 60939-3, CSA 22.2 No. 8-13
Output connections
Ni-plated busbars
Approvals & Compliances
Features and benefits
FN222X, FN223X and FN224X series of filters
provides state-of-the-art EMI attenuation with a
choice of three performance levels
The filters are built to fit perfectly to high power EV
charging applications
The shape allows a convenient and space-saving
installation
Fulfills the requirements in IEC/EN 61851-23 Electric
vehicle conductive charging system
Fulfills the requirements in UL 2202 Electric Vehicle
(EV) Charging System Equipment
FN224X offers voltage and performance ratings of
FN222X on a smaller footprint
Typical applications
High Power EV DC charging beyond HPC350 (500 A
@ 920 V)
Two voltage levels (500 VDC and 1000 VDC) for
CHAdeMO and CCS
Typical electrical schematic (please refer to page
3 for further details)
*High potential test voltage: Repetition with max.
80% of specified values


Similar Part No. - FN2220-600-99-C2222-R99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN22 ETC1-FN22 Datasheet
221Kb / 2P
N-CHANNEL JUNCTION FET
FN22.2 ETC1-FN22.2 Datasheet
221Kb / 2P
N-CHANNEL JUNCTION FET
FN2200-100-35 ETC2-FN2200-100-35 Datasheet
461Kb / 4P
DC EMC/EMI Filter for PV Inverters
logo
Schaffner International...
FN2200-100-35 SCHAFFNER-FN2200-100-35 Datasheet
1Mb / 5P
EMC/EMI Filter for PV Inverters
logo
List of Unclassifed Man...
FN2200-1000-99 ETC2-FN2200-1000-99 Datasheet
461Kb / 4P
DC EMC/EMI Filter for PV Inverters
More results

Similar Description - FN2220-600-99-C2222-R99

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FN3258-75-34 ETC2-FN3258-75-34 Datasheet
205Kb / 4P
Ultra-compact EMC/RFI Filter for Motor Drives Applications
FN350-8-29 ETC2-FN350-8-29 Datasheet
551Kb / 4P
Single-phase EMC/RFI Filter for Motor Drives
logo
Schaffner International...
FN-350 SCHAFFNER-FN-350 Datasheet
557Kb / 4P
Compact EMC/RFI Filter for Motor Drives
FN-3120 SCHAFFNER-FN-3120 Datasheet
309Kb / 4P
High-Performance EMC/RFI Filter for Drives
FN-3270 SCHAFFNER-FN-3270 Datasheet
681Kb / 4P
Compact EMC/RFI Filter for Industrial Motor Drive Applications
FN-3359 SCHAFFNER-FN-3359 Datasheet
786Kb / 4P
High-current EMC/RFI Filter
FN3840 SCHAFFNER-FN3840 Datasheet
1Mb / 6P
Book-style EMC/RFI Filter for regenerative drive application
logo
PHOENIX CONTACT
1105880 PHOENIX-1105880 Datasheet
460Kb / 8P
DC charging cable - EV-T1G2CC-DC40A-5,0M10ASBK11
1236538 PHOENIX-1236538 Datasheet
460Kb / 8P
DC charging cable - EV-T1G2CC-DC40A-7,0M10ASBK11
1236561 PHOENIX-1236561 Datasheet
460Kb / 8P
DC charging cable - EV-T1G2CC-DC80A-6,0M6ASBK11
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com