Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CSCF3218 Datasheet(PDF) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

Part # CSCF3218
Description  High Current Power Inductor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CODACA [Shenzhen Codaca Electronic Co.,Ltd]
Direct Link  https://codaca.com
Logo CODACA - Shenzhen Codaca Electronic Co.,Ltd

CSCF3218 Datasheet(HTML) 1 Page - Shenzhen Codaca Electronic Co.,Ltd

  CSCF3218 Datasheet HTML 1Page - Shenzhen Codaca Electronic Co.,Ltd CSCF3218 Datasheet HTML 2Page - Shenzhen Codaca Electronic Co.,Ltd CSCF3218 Datasheet HTML 3Page - Shenzhen Codaca Electronic Co.,Ltd CSCF3218 Datasheet HTML 4Page - Shenzhen Codaca Electronic Co.,Ltd CSCF3218 Datasheet HTML 5Page - Shenzhen Codaca Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1 / 5
CODACA ELECTRONIC CO., LTD
TEL
: +86 755 89585372
FAX
: +86 755 89585280
http://www.codaca.com
E-mail: info@codaca.com
High Current Power Inductor
CSCF3218 Series
This product is not authorized for use in any application related to safety.
Specification subject to change without notice.Please check web site for latest information.
Revised: 07/14/2020
Outline
:
Assemblage design, sturdy structure.
High inductance, high current, low magnetic loss
,
low ESR, small parasitic capacitance
.
Flat wire winding, achieve a low D.C. Resistance
.
Low power loss, suitable for applications of wide
temperature and frequency range.
Features:
Core material:Ferrit
e
Core and winding loss:
www.codaca.com/DesignTool_Power-Inductor-Loss-Comparison.html
Environmental: RoHS, Reach compliant ,Halogen free
Weight:60.7 g
Moisture Sensitivity:Level (MSL) 1
(unlimited floor life at <30°C / 85% relative humidity)
Operating temperature range: -40
+125
(including coil
’s self temperature rise).
Storage temperature range: -40
~+125
Application:
Ideally used in tablet PC, LCD display, server application.
high current power supplies, Battery power devices
DC/DC converters in distributed power systems
1 Product Dimensions (mm)
2 Electrical Characteristics
Part No.
Inductance
(
μH)
D.C.R. (m
Ω)
Isat
(A)
Irms
(A)
20%
Typical
Max.
Typical
Typical
CSCF3218-3R3MC
3.30
1.00
1.20
80.0
55.0
CSCF3218-6R8MC
6.80
1.35
1.60
55.0
50.0
CSCF3218-100MC
10.0
2.30
2.80
45.0
40.0
32.0±1.0
22.5±1.0
Marking
Code
3.8Min
34.5Max
6.0±0.3
4.0Max
12.0±0.5
4.5
4.5
18.5±0.5
12.0
6.0
8.0
23.5
33.0
10.5
7.0
6.0
17.25
All data is tested on 25
ambient temperature
1.Inductance measure condition at 100kHz,0.1V
2.Isat:the actual value of DC current when the
Inductance decrease 20% of its initial Value
3.Irms:The actual value of DC current when the
Temperature rise is
ΔT40 (Ta=25 )
3 How to Order:
CSCF3218-3R3MC
Model
Dimensions
Value Code
Coating
Typical Land Pattern
Date code will be changed by manufacture date
1
2
3 N/C
Schematic


Similar Part No. - CSCF3218

ManufacturerPart #DatasheetDescription
logo
Shenzhen Codaca Electro...
CSCF2014 CODACA-CSCF2014 Datasheet
1Mb / 5P
High Current Power Inductor
07/14/2020
CSCF2014-100MC CODACA-CSCF2014-100MC Datasheet
1Mb / 5P
High Current Power Inductor
07/14/2020
CSCF2014-150MC CODACA-CSCF2014-150MC Datasheet
1Mb / 5P
High Current Power Inductor
07/14/2020
CSCF2014-1R4MC CODACA-CSCF2014-1R4MC Datasheet
1Mb / 5P
High Current Power Inductor
07/14/2020
CSCF2014-220MC CODACA-CSCF2014-220MC Datasheet
1Mb / 5P
High Current Power Inductor
07/14/2020
More results

Similar Description - CSCF3218

ManufacturerPart #DatasheetDescription
logo
Caliber Electronics Inc...
PSSL-0804HC CALIBER-PSSL-0804HC Datasheet
26Kb / 1P
Power Inductor - High Current
logo
Shenzhen Codaca Electro...
CSBL1250 CODACA-CSBL1250 Datasheet
947Kb / 5P
High Current Power Inductor
07/14/2020
CSBL1265 CODACA-CSBL1265 Datasheet
941Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2626L CODACA-CPEX2626L Datasheet
962Kb / 6P
High Current Power Inductor
07/14/2020
CPQ4228 CODACA-CPQ4228 Datasheet
783Kb / 4P
High Current Power Inductor
07/14/2020
CPU2916 CODACA-CPU2916 Datasheet
761Kb / 4P
High Current Power Inductor
07/14/2020
CSCF2918H CODACA-CSCF2918H Datasheet
832Kb / 5P
High Current Power Inductor
07/14/2020
CPEX2722 CODACA-CPEX2722 Datasheet
764Kb / 4P
High Current Power Inductor
07/14/2020
CSCM1460 CODACA-CSCM1460 Datasheet
897Kb / 5P
High Current Power Inductor
07/14/2020
CSCM1480L CODACA-CSCM1480L Datasheet
871Kb / 5P
High Current Power Inductor
07/14/2020
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com