Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z00607 Datasheet(PDF) 2 Page - STMicroelectronics

Part # Z00607
Description  Standard 0.8 A Triacs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z00607 Datasheet(HTML) 2 Page - STMicroelectronics

  Z00607_V01 Datasheet HTML 1Page - STMicroelectronics Z00607_V01 Datasheet HTML 2Page - STMicroelectronics Z00607_V01 Datasheet HTML 3Page - STMicroelectronics Z00607_V01 Datasheet HTML 4Page - STMicroelectronics Z00607_V01 Datasheet HTML 5Page - STMicroelectronics Z00607_V01 Datasheet HTML 6Page - STMicroelectronics Z00607_V01 Datasheet HTML 7Page - STMicroelectronics Z00607_V01 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Characteristics
Z00607
2/8
DocID6629 Rev 9
1
Characteristics
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
IT(RMS)
On-state rms current
(full sine wave)
SOT-223
Ttab = 85 °C
0.8
A
TO-92
TL = 50 °C
ITSM
Non repetitive surge peak on-state
current (full cycle, Tj initial = 25 °C)
F = 50 Hz
t = 20 ms
9
A
F = 60 Hz
t = 16.7 ms
9.5
I²tI²t Value for fusing
tp = 10 ms
0.45
A²s
dI/dt
Critical rate of rise of on-state current IG
= 2 x IGT , tr ≤ 100 ns
F = 120 Hz
Tj = 110 °C
20
A/µs
IGM
Peak gate current
tp = 20 µs
Tj = 110 °C
1
A
PG(AV)
Average gate power dissipation
Tj = 110 °C
0.1
W
Tstg
Tj
Storage junction temperature range
Operating junction temperature range
- 40 to + 150
- 40 to + 110
°C
Table 2. Electrical characteristics (Tj = 25 °C, unless otherwise specified)
Symbol
Test Conditions
Quadrant
Value
Unit
IGT
(1)
VD = 12 V, RL = 30 Ω
I - II - III
MAX
5
mA
IV
7
VGT
ALL
MAX
1.3
V
VGD
VD = VDRM, RL = 3.3 kΩ, Τj = 110 °Χ
ALL
MIN
0.2
V
IH
(2)
IT = 200 mA
MX.
5
mA
IL
IG = 1.2 IGT
I - III - IV
MAX
10
mA
II
20
dV/dt (2)
VD = 67% VDRM, gate open Τj = 110 °Χ
MIN
10
V/µs
(dV/dt)c (2)
(δς/δτ)χ = 0.35 Α/μσ, Τj = 110 °Χ
MIN
1.5
V/µs
1.
minimum IGT is guaranteed at 5% of IGT max.
2.
for both polarities of A2 referenced to A1.
Table 3. Static characteristics
Symbol
Test Conditions
Value
Unit
VTM
(1)
ITM = 1.1 A
tp = 380 µs
Tj = 25 °C
MAX.
1.5
V
Vto
(1)
Threshold voltage
Tj = 110 °C
MAX.
0.95
V
Rd
(1)
Dynamic resistance
Tj = 110 °C
MAX.
420
m
Ω
IDRM
IRRM
VDRM = VRRM = 600 V
Tj = 25 °C
MAX.
5µA
Tj = 110 °C
0.1
mA
1.
for both polarities of A2 referenced to A1.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com