Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

Z0103MUF Datasheet(PDF) 5 Page - STMicroelectronics

Part # Z0103MUF
Description  Standard 1 A Triacs
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

Z0103MUF Datasheet(HTML) 5 Page - STMicroelectronics

  Z0103MUF Datasheet HTML 1Page - STMicroelectronics Z0103MUF Datasheet HTML 2Page - STMicroelectronics Z0103MUF Datasheet HTML 3Page - STMicroelectronics Z0103MUF Datasheet HTML 4Page - STMicroelectronics Z0103MUF Datasheet HTML 5Page - STMicroelectronics Z0103MUF Datasheet HTML 6Page - STMicroelectronics Z0103MUF Datasheet HTML 7Page - STMicroelectronics Z0103MUF Datasheet HTML 8Page - STMicroelectronics Z0103MUF Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Figure 5. Relative variation of holding current and
latching current versus junction temperature (typ. values)
I , I [T ] /
H L
j I , I [T =25°C]
H L
j
0.0
0.5
1.0
1.5
2.0
2.5
-50
-25
0
25
5 0
7 5
100
125
IH
IL
T (°C)
j
Figure 6. Relative variation of gate trigger current (IGT)
and voltage (VGT) versus junction temperature
0.0
0.5
1.0
1.5
2.0
2.5
3.0
-50
-25
0
25
5 0
7 5
100
125
Tj(°C)
IGT, V GT[Tj] / IGT, V GT[Tj=25 °C]
IGT Q1-Q2
VGT Q1-Q2-Q3-Q4
IGT Q3
IGT Q4
Figure 7. Surge peak on-state current versus number of
cycles
0
1
2
3
4
5
6
7
8
9
1
1 0
100
1000
Number of cycles
Repetitive
T
= 95 °C
amb
Non repetitive
T initial = 25 °C
j
I
(A)
TSM
One cy cle
T = 20 ms
Figure 8. Non-repetitive surge peak on-state current and
corresponding value of I2t sinusoidal pulse width
0. 01
0. 10
1. 00
10. 00
0. 1
1. 0
10. 0
100. 0
t ( ms )
p
I
(A), I t (A s )
TSM
2
2
I t
2
dI/dt li mi tation:
20A/µs
T initial = 25°C
j
ITSM
Figure 9. On-state characteristics (maximum values) (ITM
= f(VTM)
I
(A)
TM
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.1
1.0
10.0
V
(V)
TM
T = max.
j
Tj
T = 25°C
j
T =max.
j
V =0.95 V
R =400 m
t0
d
Ω
Figure 10. Relative variation of critical rate of decrease of
main current (dI/dt) versus junction temperature
0.1
1 .0
10.0
100.0
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
2.6
Z0103
Z0107
Z0110
Z0109
(dI/dt)c [(dV/dt)c] / Specifie d (dI/dt)c
(dV/dt)c (V/µs)
Z01
Characteristics (curves)
DS2116 - Rev 11
page 5/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com