Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CTN640 Datasheet(PDF) 1 Page - Continental Device India Limited

Part # CTN640
Description  Complementary Transistors in Plastic Package for Driver Stage of Audio Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDIL [Continental Device India Limited]
Direct Link  http://www.cdilsemi.com
Logo CDIL - Continental Device India Limited

CTN640 Datasheet(HTML) 1 Page - Continental Device India Limited

  CTN640 Datasheet HTML 1Page - Continental Device India Limited CTN640 Datasheet HTML 2Page - Continental Device India Limited CTN640 Datasheet HTML 3Page - Continental Device India Limited CTN640 Datasheet HTML 4Page - Continental Device India Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Continental Device India Limited
Data Sheet
Page 1 of 4
CTN635,637,639NPNSILICONPLANAREPITAXIALTRANSISTORS
CTN636,638,640PNPSILICONPLANAREPITAXIALTRANSISTORS
Complementary Transistors in Plastic Package for Driver Stage of Audio Amplifier.
CTN635, CTN637, CTN639
CTN636, CTN638, CTN640
1 = COLLECTOR
2 = BASE
3 = EMITTER
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
ABSOLUTE MAXIMUM RATINGS
Ratings
Ratings
Ratings
Ratings
Ratings
Symbol
Symbol
Symbol
Symbol
Symbol CTN635
CTN635
CTN635
CTN635
CTN635 CTN637
CTN637
CTN637
CTN637
CTN637 CTN639
CTN639
CTN639
CTN639
CTN639
Units
Units
Units
Units
Units
CTN636
CTN636
CTN636
CTN636
CTN636 CTN638
CTN638
CTN638
CTN638
CTN638 CTN640
CTN640
CTN640
CTN640
CTN640
Collector-Base Voltage
VCBO
45
60
100
V
Collector-Emitter Voltage
VCEO
45
60
80
V
Emitter-Base Voltage
VEBO
5-
V
Collector Current – Continuous
IC
-1
-
A
Peak
ICM
-
1.5
-
A
Base Current – Continuous
IB
-
100
-
mA
Peak
IBM
-
200
-
mA
Power Dissipation @ Ta=25ºC
PD
-
750
-
mW
Derate above 25°C
-
6
-
mW/°C
Power Dissipation @ Tc=25ºC
PD
-
2.5
-
W
Derate above 25°C
-
20
-
mW/°C
Operating And Storage Junction
Tj,Tstg
–55 to +150
ºC
Temperature Range
1 2 3
E B
C
TO-237 Plastic Package
Continental Device India Limited
An ISO/TS16949 and ISO 9001 Certified Company


Similar Part No. - CTN640

ManufacturerPart #DatasheetDescription
logo
American Accurate Compo...
CTN6D-C-1003ADPLM AAC-CTN6D-C-1003ADPLM Datasheet
126Kb / 2P
Ultra Precision Resistor Arrays & Networks
CTN6D-C-1003ADPNM AAC-CTN6D-C-1003ADPNM Datasheet
126Kb / 2P
Ultra Precision Resistor Arrays & Networks
CTN6D-C-1003ADQLM AAC-CTN6D-C-1003ADQLM Datasheet
126Kb / 2P
Ultra Precision Resistor Arrays & Networks
CTN6D-C-1003ADQNM AAC-CTN6D-C-1003ADQNM Datasheet
126Kb / 2P
Ultra Precision Resistor Arrays & Networks
CTN6D-C-1003ADXLM AAC-CTN6D-C-1003ADXLM Datasheet
126Kb / 2P
Ultra Precision Resistor Arrays & Networks
More results

Similar Description - CTN640

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE186 NTE-NTE186 Datasheet
20Kb / 2P
Silicon Complementary Transistors General Purpose Output & Driver for Audio Amplifier
NTE2576 NTE-NTE2576 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Output Driver
NTE293 NTE-NTE293 Datasheet
20Kb / 2P
Silicon Complementary Transistors Audio Amplifier and Driver
NTE297 NTE-NTE297 Datasheet
20Kb / 2P
Silicon Complementary Transistors Audio Amplifier, Driver
NTE373 NTE-NTE373 Datasheet
17Kb / 2P
Silicon Complementary Transistors Audio Amplifier, Driver
NTE382 NTE-NTE382 Datasheet
19Kb / 2P
Silicon Complementary Transistors Audio Frequency Driver
NTE54 NTE-NTE54 Datasheet
23Kb / 2P
Silicon Complementary Transistors High Frequency Driver for Audio Amplifier
logo
Fairchild Semiconductor
KSA910 FAIRCHILD-KSA910 Datasheet
40Kb / 4P
Driver Stage Of Audio Amplifier & High Voltage Switching Applications
logo
Guilin Strong Micro-Ele...
GMA6801 GSME-GMA6801 Datasheet
279Kb / 3P
Suitable for Driver Stage of Small Motor Complementary to GMC6802
GMC6802 GSME-GMC6802 Datasheet
278Kb / 3P
Suitable for Driver Stage of Small Motor Complementary to GMA6801
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com