Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPD15P10PLG Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # SPD15P10PLG
Description  SIPMOS® Power-Transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SPD15P10PLG Datasheet(HTML) 2 Page - Infineon Technologies AG

  SPD15P10PLG Datasheet HTML 1Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 2Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 3Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 4Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 5Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 6Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 7Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 8Page - Infineon Technologies AG SPD15P10PLG Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SPD15P10PL G
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Thermal characteristics
Thermal resistance,
junction - soldering point
R
thJC
-
-
1.17
K/W
Thermal resistance,
junction - ambient
R
thJA
minimal footprint,
steady state
--
75
6 cm
2 cooling area1),
steady state
--
45
Electrical characteristics, at T j=25 °C, unless otherwise specified
Static characteristics
Drain-source breakdown voltage
V
(BR)DSS
V
GS=0 V, I D=-250 mA
-100
-
-
V
Gate threshold voltage
V
GS(th)
V
DS=V GS, I D=-
1.54 mA
-1
-1.5
-2
Zero gate voltage drain current
I
DSS
V
DS=-100 V, V GS=0 V,
T
j=25 °C
-
-0.1
-1
μA
V
DS=-100 V, V GS=0 V,
T
j=150 °C
-
-10
-100
Gate-source leakage current
I
GSS
V
GS=-20 V, V DS=0 V
-
-10
-100
nA
Drain-source on-state resistance
R
DS(on)
V
GS=-4.5 V, I D=-9.7 A
-
190
270
m
V
GS=-10 V,
I
D=-11.3 A
-
140
200
m
Transconductance
g
fs
|V DS|>2|I D|R DS(on)max,
I
D=-11.3 A
5.5
11.0
-
S
1) Device on 40 mm x 40 mm x 1.5 mm epoxy PCB FR4 with 6 cm2 (one layer, 70 μm thick) copper area for drain
connection. PCB is vertical in still air.
Values
Rev 1.
5
page 2
20
12-09-03



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com