Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FMP-Z-R0015-1.0 Datasheet(PDF) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

Part # FMP-Z-R0015-1.0
Description  2 mOhms ±1% 3.5W Chip Resistor 2010 (5025 Metric) Automotive AEC-Q200, Current Sense, Moisture Resistant, Pulse Withstanding
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISABELLENHUETTE [Isabellenhütte Heusler GmbH & Co. KG]
Direct Link  https://www.isabellenhuette.de/en/
Logo ISABELLENHUETTE - Isabellenhütte Heusler GmbH & Co. KG

FMP-Z-R0015-1.0 Datasheet(HTML) 2 Page - Isabellenhütte Heusler GmbH & Co. KG

  FMP-Z-R0015-1.0 Datasheet HTML 1Page - Isabellenhütte Heusler GmbH & Co. KG FMP-Z-R0015-1.0 Datasheet HTML 2Page - Isabellenhütte Heusler GmbH & Co. KG FMP-Z-R0015-1.0 Datasheet HTML 3Page - Isabellenhütte Heusler GmbH & Co. KG FMP-Z-R0015-1.0 Datasheet HTML 4Page - Isabellenhütte Heusler GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 /4
ISA-PLAN® // PRECISION RESISTORS
FMP // Size 2010
Isabellenhütte Heusler GmbH & Co. KG // sales.components@isabellenhuette.de // Issue 11-November-2019 // Current valid issue: see www.isabellenhuette.de
Tape and reel information
Specification
DIN EN 60286-3
Tape width
mm
12
Reel size
inch
13
Parts per reel
pcs
12500
Packaging weight net
g
481
Recommended solder profile
Reflow- and IR-soldering
Temperature
°C
260
255
217
Time
sec
peak
40
90
Mechanical dimensions and pcb-layout proposal (Reflow-soldering) [mm] / Drawing Z-YL-257
L
A
l
a
a
A
Z-YL-257
type:
L
W
H
A
FMP
5.08 ±0.2
2.54 ±0.2
0.4 ±0.2
0.7 ±0.2
solder pad type:
l
w
a
FMP
6.0
3.0
1.25
Information
Product status
under development
Sample availability
B-samples
Qualification release acc. AEC-Q200
Q2/2020
Mass production availability
Q4/2020



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com