Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EXB30 Datasheet(PDF) 1 Page - Artesyn Technologies

Part # EXB30
Description  16-30W High Efficiency DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXB30 Datasheet(HTML) 1 Page - Artesyn Technologies

  EXB30 Datasheet HTML 1Page - Artesyn Technologies EXB30 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC/DC CONVERTERS
16-30W High Efficiency DC/DC Converters
1
2 YEAR WARRANTY
EXB30 Series
Single output
• High efficiency topology, 92% typical at 5V
• Industry standard footprint
• Wide operating temperature, -40˚C to +85˚C
(natural convection)
• 80% to 110% output trim
• No minimum load
• Overvoltage and overtemperature protection
• Remote sense compensation
• Remote on/off
The EXB30 is a new high efficiency open frame isolated 30 Watt converter series in an
industry standard footprint. The first five models in the series feature a 2:1 input voltage
range of 36 to 75VDC and are available in output voltages of 12V, 5V, 3.3V, 2.5V and 2V.
Each model is trimmable from 80 to 110% except the 12V output which has a wider
trim range of 60% to 110%. The sub 5V models have an output current rating of 8A.
Typical efficiencies for the models are 92% for the 5V, 90% for the 3.3V and 12V, 87%
for the 2.5V and 86% for the 2V version. The EXB30 series offers remote on/off and
remote sense compensation to correct for voltage drops at the load. Overcurrent,
overvoltage and overtemperature protection features are included as standard. With full
international safety approval including EN60950 and cUL1950, the EXB30 reduces
compliance costs and time to market.
All specifications are typical at nominal input, full load at 25°C unless otherwise stated
EMC CHARACTERISTICS
Conducted emissions
EN55022 (See Note 3)
Level A
EN55022 (See Note 3)
Level B
Radiated emissions
EN55022 (See App. Note 108)
Level B
Immunity:
ESD air
EN61000-4-2
8kV (NP), 15kV (RP)
ESD contact
EN61000-4-2
6kV (NP), 8kV (RP)
Radiated field enclosure
EN61000-4-3
10V/m (NP)
Conducted (DC power)
EN61000-4-6
10V (NP)
Conducted (signal)
EN61000-4-6
10V (NP)
Input transients
ETS 300 132-2, ETR 283
GENERAL SPECIFICATIONS
Efficiency
See table
Basic insulation
Input/output
1500VDC
Switching frequency
Fixed
300kHz typ.
Approvals and
VDE0805, EN60950
standards
IEC950, UL/cUL1950
(See Note 5)
CSA C22.2 No. 950
Material flammability
UL94V-0
Weight
40g (1.41oz)
MTBF
MIL-HDBK-217F
>300,000 hours
@ 25°C, 100% load
ground benign
ENVIRONMENTAL SPECIFICATIONS
Thermal performance
Operating ambient
-40°C to +85°C
temperature
Non-operating
-40°C to +125°C
ETS 300 019-2-3
Classes T3.1 to T3.5
Altitude
Operating
10,000 feet max.
Non-operating
40,000 feet max.
OUTPUT SPECIFICATIONS
Voltage adjustability
80% to 110%
Set point accuracy
±1.5% max.
Line regulation
Low line to high line
0.1% max.
Load regulation
Full load to min. load
0.2% max.
Total error band
±3.0%
Minimum load
0%
Overshoot
At turn-on and turn-off
None
Undershoot
None
Ripple and noise
5Hz to 20MHz
150mV pk-pk
(See Note 1)
20mV rms
Temperature coefficient
±0.02%/°C
Transient response
2.0% max. deviation
(See Note 2)
300µs recovery to
within total error band
Remote sense
10% output voltage change
INPUT SPECIFICATIONS
Input voltage range
48Vin nominal
36 to 75VDC
Input current
No load
50mA max.
Remote OFF
10mA max.
Input current (max.)
48V models
1.0A max. @ Io max.
(See Note 4)
and Vin = 36 to 75V
Input reflected ripple
(See Note 6)
30mA (pk-pk) typ.
Active high remote ON/OFF
Logic compatibility
Open collector ref to -input
ON
Open circuit or >2VDC
OFF
<1.2VDC
Undervoltage lockout
48Vin: power up
34V
48Vin: power down
31.5V
Start-up time
Power up
30ms
(See Note 7)
Remote ON/OFF
30ms
SPECIFICATIONS
File Name: EXB30S.PDF Rev: 11 Jan 2002


Similar Part No. - EXB30

ManufacturerPart #DatasheetDescription
logo
Emerson Network Power
EXB30 EMERSON-NETWORKPOWER-EXB30 Datasheet
118Kb / 2P
16-30 W High Efficiency DC-DC Converters
logo
Artesyn Technologies
EXB30-24D05-3V3 ARTESYN-EXB30-24D05-3V3 Datasheet
71Kb / 2P
30W High Efficiency DC/DC Converters
EXB30-24D05-3V3J ARTESYN-EXB30-24D05-3V3J Datasheet
142Kb / 3P
30 W High Efficiency DC-DC Converters
EXB30-24D3V3-2V5 ARTESYN-EXB30-24D3V3-2V5 Datasheet
71Kb / 2P
30W High Efficiency DC/DC Converters
EXB30-24D3V3-2V5J ARTESYN-EXB30-24D3V3-2V5J Datasheet
142Kb / 3P
30 W High Efficiency DC-DC Converters
More results

Similar Description - EXB30

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
CXE15 ARTESYN-CXE15 Datasheet
391Kb / 24P
High Efficiency DC/DC Converters
logo
ON Semiconductor
NCP1500 ONSEMI-NCP1500_06 Datasheet
1Mb / 20P
High Efficiency DC-DC Converters
Rev.2, Jun-2006
logo
Artesyn Technologies
SXE15 ARTESYN-SXE15_05 Datasheet
374Kb / 28P
High Efficiency DC/DC Converters
logo
Emerson Network Power
EXB30 EMERSON-NETWORKPOWER-EXB30 Datasheet
118Kb / 2P
16-30 W High Efficiency DC-DC Converters
logo
Toshiba Semiconductor
TPCA8064-H TOSHIBA-TPCA8064-H Datasheet
275Kb / 9P
High-Efficiency DC-DC Converters
logo
Artesyn Technologies
EXB30-24D05-3V3 ARTESYN-EXB30-24D05-3V3 Datasheet
71Kb / 2P
30W High Efficiency DC/DC Converters
logo
Toshiba Semiconductor
TK2R9E10PL TOSHIBA-TK2R9E10PL Datasheet
716Kb / 9P
High-Efficiency DC-DC Converters
TK3R1A04PL TOSHIBA-TK3R1A04PL Datasheet
438Kb / 9P
High-Efficiency DC-DC Converters
TK3R2A10PL TOSHIBA-TK3R2A10PL Datasheet
728Kb / 9P
High-Efficiency DC-DC Converters
TK3R9E10PL TOSHIBA-TK3R9E10PL Datasheet
720Kb / 9P
High-Efficiency DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com