Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EXQ50 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # EXQ50
Description  36-50W High Efficiency DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXQ50 Datasheet(HTML) 2 Page - Artesyn Technologies

  EXQ50 Datasheet HTML 1Page - Artesyn Technologies EXQ50 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
2.300
±0.020 (58.42±0.5)
2.000 (50.80)
0.140 (3.56)
0.150 (3.81)
ø0.062
±0.002
(ø1.57
±0.05) 2 Places
ø0.040
±0.002
(ø1.04
±0.05) 6 Places
All dimensions in inches (mm)
All tolerances
±0.010in (±0.25mm)
Unless otherwise stated
0.138 (3.50) REF
Vout-
Vin+
Top view
Seating Plane
Remote
on/off
Vin-
Vin-
Remote
on/off
Vin+
Sense-
Trim
Sense+
Vout+
Bottom view
Vout+
Sense+
Vout-
Trim
Sense-
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
International Safety Standard Approvals
UL/cUL CAN/CSA 22.2 No. 60950-00 : UL 60950
File No. E174104
TÜV
TÜV Product Service. Certificate No. B 01 11 38572 029
Notes
1
di/dt = 0.1A/µs, Vin = 48VDC, Tc = 25°C, load change = 0.5 lo max. to
0.75 lo max. and 0.75 lo max. to 0.5 lo max.
2
The EXQ50 meets level A and level B conducted emissions only with
external components connected before the input pins to the converter.
See Application Note 120 for details.
3
Recommended input fusing is a 3.15A HRC 200V rated fuse.
4
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
5
Measured with no external Pi filter. Significant reduction possible with
external filter.
6
Start-up into resistive load.
7
Active low remote On/Off is available. Standard product is active high.
When ordering active low parts, designate with the Suffix '-R', e.g
EXQ50-48S3V3-R.
8
This parameter is calculated at worst case line, load, temperature and
initial settings.
9
This is inclusive of the output trim range. If 6.0% trim-up is used, for
example, then only 4.0% output sense is available.
10 Maximum, not typical, specification.
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
(10)
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(7)
(MAX.)
(MIN.)
(MAX.)
36W
33-75VDC
2.3VDC
1.8V
0A
20A
86.5%
±0.3%
±0.3%
EXQ50-48S1V8
50W
33-75VDC
3.0VDC
2.5V
0A
20A
88.0%
±0.3%
±0.3%
EXQ50-48S2V5
50W
33-75VDC
3.9VDC
3.3V
0A
15A
89.0%
±0.3%
±0.3%
EXQ50-48S3V3
50W
33-75VDC
6.0VDC
5.0V
0A
10A
90.0%
±0.3%
±0.3%
EXQ50-48S05
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
PROTECTION
Short circuit protection
(<20m
Ω short)
Continuous
Overvoltage protection
Non-latching clamp
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2 input voltage
and current requirements
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1+Vin
2
On/Off
3-Vin
4
-Vout
5
-Sense
6
Trim
7
+Sense
8
+Vout
EXQ50 Series
Single output
DC/DC CONVERTERS
36-50W High Efficiency DC/DC Converters
2
Please consult our website for the following items:
Application Note
Longform Data Sheet
www.artesyn.com
File Name: EXQ50S.PDF Rev: 01 Nov 2002



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com