Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EXQ125 Datasheet(PDF) 2 Page - Artesyn Technologies

Part # EXQ125
Description  36-100W High Efficiency DC/DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

EXQ125 Datasheet(HTML) 2 Page - Artesyn Technologies

  EXQ125 Datasheet HTML 1Page - Artesyn Technologies EXQ125 Datasheet HTML 2Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
Notes
1
di/dt = 0.1A/µs, Vin = 48VDC, Tc = 25°C, load change = 0.5 lo max. to 0.75
lo max. and 0.75 lo max. to 0.5 lo max. Deviation varies by model, see
Long Form Data Sheet.
2
The EXQ125 meets level A and level B conducted emissions only with
external components connected before the input pins to the converter.
See Application Note 118.
3
Recommended input fusing is a 5A HRC 200V rated fuse.
4
This product is only for inclusion by professional installers within other
equipment and must not be operated as a stand alone product.
5
Measured with no external Pi filter. Significant reduction possible with
external filter. See Application Note 118.
6
Start-up into resistive load.
7
Active low remote On/Off is available. Standard product is active high.
When ordering active low parts, designate with the Suffix ‘-R’,
e.g EXQ125-48S3V3-R.
8
When ordering 0.145" pin lengths designate with the Suffix ‘-N’, if the
product is already a ‘-R’ suffix product then the suffix will be ‘-RN’
9
When ordering 0.110" pin lengths designate with the Suffix ‘-K’, if the
product is already a ‘-R’ suffix product then the suffix will be ‘-RK’
CAUTION: Hazardous internal voltages and high temperatures.
Ensure that unit is not user accessible.
PROTECTION
Short circuit protection
Continuous
Overvoltage protection
Non-latching clamp
TELECOM SPECIFICATION
Central office interface A
ETS300-132-2, input voltage
and current requirements
PIN CONNECTIONS
PIN NUMBER
FUNCTION
1+Vin
2
On/Off
3-Vin
4
-Vout
5
-Sense
6
Trim
7
+Sense
8
+Vout
EXQ125 Series
Single output
DC/DC CONVERTERS
36-100W High Efficiency DC/DC Converters
2
Please consult our website for the following items:
Application Note
Longform Data Sheet
www.artesyn.com
File Name: EXQ125S.PDF Rev: 18 June 2002
ALL DIMENSIONS IN INCHES [mm]
Recommended
Hole Pattern
M3 x 0.5 Threaded
Through (4 PLS)
Ø0.128 [Ø3.25]
(4 PLS)
Ø0.073 [Ø1.85]
(2 PLS)
0.000 [0.00]
0.215 [5.46]
0.070 [1.78]
0.070
[1.78]
0.365 [9.27]
0.515 [13.08]
0.665 [16.89]
0.815 [20.70]
0.50 [12.70]
0.215 [5.4 ]
0.515 [13.08 ]
0.815 [20.70 ]
*
0.20 [5.08]
1
2
3
4
5
6
7
8
0.000 [0.00]
0.215 [5.46]
0.365 [9.27]
0.515 [13.08]
0.665 [16.89]
0.815 [20.70]
0.215 [5.36 ]
0.515 [13.8 ]
0.815 [20.70]
1.030 [26.16]
0.000 [0.00]
3
2
1
8
7
6
5
4
Ø0.040 [Ø1.09]
(6 PLS)
Ø0.060 [Ø1.52]
(2 PLS)
2.000 [50.80]
2.280 [57.91]
1.860 [47.24]
0.210 [5.33]
0.210 [5.33]
1.450
[36.83]
1.030
[26.16]
Bottom View
Top View
*Standard available pin length.
0.145 (3.68) and 0.110 (2.79)
options also available. (See
Notes 8 and 9 for ordering details)
OUTPUT
INPUT
OVP
OUTPUT
OUTPUT
OUTPUT
EFFICIENCY
REGULATION
MODEL
POWER
VOLTAGE
VOLTAGE
CURRENT
CURRENT
(TYP.)
LINE
LOAD
NUMBER
(7,8,9)
(MAX.)
(MIN.)
(MAX.)
36W
33-75VDC
1.45VDC
1.2V
0A
30A
86.5%
±0.1%
±0.2%
EXQ125-48S1V2
45W
33-75VDC
1.8VDC
1.5V
0A
30A
87.5%
±0.1%
±0.2%
EXQ125-48S1V5
54W
33-75VDC
2.3VDC
1.8V
0A
30A
88.0%
±0.1%
±0.2%
EXQ125-48S1V8
75W
33-75VDC
3VDC
2.5V
0A
30A
90.0%
±0.1%
±0.2%
EXQ125-48S2V5
82.5W
33-75VDC
3.9VDC
3.3V
0A
25A
91.0%
±0.1%
±0.2%
EXQ125-48S3V3
100W
33-75VDC
6VDC
5V
0A
20A
92.0%
±0.1%
±0.2%
EXQ125-48S05
100W
33-75VDC
14.4VDC
12V
0A
8.3A
93.0%
±0.1%
±0.2%
EXQ125-48S12
International Safety Standard Approvals
UL/cUL : UL1950 File No. E135734
TÜV
TÜV Rheinland Certificate No. R2172600
CB Scheme No. US-TUVR-0982



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com