Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CHS-01TB2 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # CHS-01TB2
Description  SURFACE MOUNT TYPE SLIDE SWITCHES
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CHS-01TB2 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button CHS-01TB2 Datasheet HTML 7Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 8Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 9Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 10Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 11Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 12Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 13Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 14Page - List of Unclassifed Manufacturers CHS-01TB2 Datasheet HTML 15Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 15 / 15 page
background image
SLIDE SWITCHES (SMD)
CHS
s Specifications are subject to change without notice. Specifications in this catalog are for reference. The formal specification sheets will be submitted upon request.
COPAL ELECTRONICS
COPAL ELECTRONICS
<Magazine packaging specifications>
q Packing quantities of magazines are different depending
on the bit number of the switches.
Please order the multiple numbers of the specific
packing quantities. (e.g. 70 pcs., 140 pcs., 210 pcs.,
etc., in case of 4 bits version)
Pieces in package : 4 bits, 70pcs./stick
6 bits, 50pcs./stick
8 bits, 40pcs./stick
10 bits, 30pcs./stick
❈ The magazine is common to A and B terminal pin.
Magazine length : 500
± 2 mm long
q Magazine dimensions
10.4
±0.3
(B type)
Installation example
(Unit : mm)
<Bulk packaging specifications>
q Bulk packing is made by a small packing box and vinyl
bags.
q One vinyl bag contains 50 pcs. and the small packing
box contains 4 vinyl bags or 200 pcs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com