Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WH2002A-Y-JCS Datasheet(PDF) 13 Page - DB Lectro Inc

Part # WH2002A-Y-JCS
Description  WP2002A-Y-JCS
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DBLECTRO [DB Lectro Inc]
Direct Link  http://www.dblectro.com
Logo DBLECTRO - DB Lectro Inc

WH2002A-Y-JCS Datasheet(HTML) 13 Page - DB Lectro Inc

Back Button WH2002A-Y-JCS Datasheet HTML 9Page - DB Lectro Inc WH2002A-Y-JCS Datasheet HTML 10Page - DB Lectro Inc WH2002A-Y-JCS Datasheet HTML 11Page - DB Lectro Inc WH2002A-Y-JCS Datasheet HTML 12Page - DB Lectro Inc WH2002A-Y-JCS Datasheet HTML 13Page - DB Lectro Inc WH2002A-Y-JCS Datasheet HTML 14Page - DB Lectro Inc WH2002A-Y-JCS Datasheet HTML 15Page - DB Lectro Inc WH2002A-Y-JCS Datasheet HTML 16Page - DB Lectro Inc WH2002A-Y-JCS Datasheet HTML 17Page - DB Lectro Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
第 13 頁,共 18 頁
12.Timing Characteristics
12.1
Write Operation
Ta=25℃, VDD=5.0± 0.5V
Item
Symbol
Min
Typ
Max
Unit
Enable cycle time
tcycE
500
-
-
ns
Enable pulse width (high level)
PWEH
230
-
-
ns
Enable rise/fall time
tEr,tEf
-
-
20
ns
Address set-up time (RS, R/W to E)
tAS
40
-
-
ns
Address hold time
tAH
10
-
-
ns
Data set-up time
tDSW
80
-
-
ns
Data hold time
tH
10
-
-
ns
VIH1
VIL1
VIH1
VIL1
VIL1
tcycE
VIH1
VIL1
VIH1
VIL1
VIL1
tAS
tAH
tAH
tEf
tH
tDSW
PWEH
tEr
VIL1
VIH1
VIL1
VIH1
VIL1
RS
R/W
E
DB0 to DB7
Valid data
www.dblectro.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com