Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QL4058-0PB456M Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # QL4058-0PB456M
Description  58,000 Usable PLD Gate QuickRAM ESP Combining Performance, Density and Embedded RAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4058-0PB456M Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  QL4058-0PB456M Datasheet HTML 1Page - List of Unclassifed Manufacturers QL4058-0PB456M Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4058-0PB456M Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4058-0PB456M Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4058-0PB456M Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4058-0PB456M Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4058-0PB456M Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4058-0PB456M Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4058-0PB456M Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
© 2002 QuickLogic Corporation
www.quicklogic.com
5
•
•
•
•
•
•
QL4058 QuickRAM Data Sheet Rev H
Electrical Specifications
AC Characteristics at V
CC = 3.3 V, TA = 25°C (K = 1.00)
To calculate delays, multiply the appropriate K factor from Table 10: Operating Range by the
following numbers in the tables provided.
Figure 3: QuickRAM Logic Cell
Table 1: Logic Cell
Symbol
Parameter
Propagation Delays (ns)
Fanout (5)
1
2
3
4
5
t
PD
Combinatorial Delaya
a. These limits are derived from a representative selection of the slowest paths through the
QuickRAM logic cell including typical net delays. Worst case delay values for specific paths should
be determined from timing analysis of your particular design.
1.4
1.7
1.9
2.2
3.2
t
SU
Setup Timea
1.7
1.7
1.7
1.7
1.7
tH
Hold Time
0.0
0.0
0.0
0.0
0.0
t
CLK
Clock to Q Delay
0.7
1.0
1.2
1.5
2.5
t
CWHI
Clock High Time
1.2
1.2
1.2
1.2
1.2
tCWLO
Clock Low Time
1.2
1.2
1.2
1.2
1.2
t
SET
Set Delay
1.0
1.3
1.5
1.8
2.8
t
RESET
Reset Delay
0.8
1.1
1.3
1.6
2.6
t
SW
Set Width
1.9
1.9
1.9
1.9
1.9
t
RW
Reset Width
1.8
1.8
1.8
1.8
1.8
QS
A1
A2
A3
A4
A5
A6
F1
F2
F3
F4
F5
F6
QS
OP
B1
B2
C1
C2
MP
MS
D1
D2
E1
E2
NP
NS
QC
QR
OZ
AZ
QZ
NZ
FZ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com