Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP73853TIMF Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP73853TIMF
Description  USB Compatible Li-Ion/Li-Polymer Charge Management Controllers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73853TIMF Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP73853TIMF Datasheet HTML 3Page - Microchip Technology MCP73853TIMF Datasheet HTML 4Page - Microchip Technology MCP73853TIMF Datasheet HTML 5Page - Microchip Technology MCP73853TIMF Datasheet HTML 6Page - Microchip Technology MCP73853TIMF Datasheet HTML 7Page - Microchip Technology MCP73853TIMF Datasheet HTML 8Page - Microchip Technology MCP73853TIMF Datasheet HTML 9Page - Microchip Technology MCP73853TIMF Datasheet HTML 10Page - Microchip Technology MCP73853TIMF Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
 2004 Microchip Technology Inc.
DS21915A-page 7
MCP73853/55
2.0
TYPICAL PERFORMANCE CURVES (CONT)
NOTE: Unless otherwise indicated, VDD = [VREG(Typ) + 1V], IOUT = 10 mA and TA= +25°C.
FIGURE 2-7:
Output Leakage Current
(IDISCHARGE) vs. Battery Voltage (VBAT).
FIGURE 2-8:
Thermistor Reference
Voltage (VTHREF) vs. Supply Voltage (VDD).
FIGURE 2-9:
Thermistor Reference
Voltage (VTHREF) vs. Thermistor Bias Current
(ITHREF).
FIGURE 2-10:
Supply Current (ISS) vs.
Ambient Temperature (TA).
FIGURE 2-11:
Battery Regulation Voltage
(VBAT) vs. Ambient Temperature (TA).
FIGURE 2-12:
Thermistor Reference
Voltage (VTHREF) vs. Ambient Temperature (TA).
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
2.0
2.4
2.8
3.2
3.6
4.0
4.4
V
BAT (V)
VSET = VDD
VDD = VSS
+25°C
-40°C
+85°C
2.525
2.535
2.545
2.555
2.565
2.575
4.5
4.7
4.9
5.1
5.3
5.5
V
DD (V)
MCP73853
VSET = VDD
ITHREF = 100 µA
2.525
2.535
2.545
2.555
2.565
2.575
0
25
50
75
100
125
150
175
200
I
THREF (µA)
MCP73853
VSET = VDD
0.20
0.30
0.40
0.50
0.60
0.70
0.80
0.90
1.00
TA (°C)
VSET = VDD
IOUT = 10 mA
4.150
4.170
4.190
4.210
4.230
4.250
T
A (°C)
VSET = VDD
IOUT = 10 mA
2.525
2.535
2.545
2.555
2.565
2.575
TA (°C)
MCP73853
VSET = VDD
ITHREF = 100 µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com