Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM4056B6CB2RC Datasheet(PDF) 13 Page - EM Microelectronic - MARIN SA

Part # EM4056B6CB2RC
Description  2KBIT Read/Write with ANTICOLLISION Contactless Identification Device
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMMICRO [EM Microelectronic - MARIN SA]
Direct Link  http://www.emmicroelectronic.com
Logo EMMICRO - EM Microelectronic - MARIN SA

EM4056B6CB2RC Datasheet(HTML) 13 Page - EM Microelectronic - MARIN SA

Back Button EM4056B6CB2RC Datasheet HTML 6Page - EM Microelectronic - MARIN SA EM4056B6CB2RC Datasheet HTML 7Page - EM Microelectronic - MARIN SA EM4056B6CB2RC Datasheet HTML 8Page - EM Microelectronic - MARIN SA EM4056B6CB2RC Datasheet HTML 9Page - EM Microelectronic - MARIN SA EM4056B6CB2RC Datasheet HTML 10Page - EM Microelectronic - MARIN SA EM4056B6CB2RC Datasheet HTML 11Page - EM Microelectronic - MARIN SA EM4056B6CB2RC Datasheet HTML 12Page - EM Microelectronic - MARIN SA EM4056B6CB2RC Datasheet HTML 13Page - EM Microelectronic - MARIN SA EM4056B6CB2RC Datasheet HTML 14Page - EM Microelectronic - MARIN SA  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
EM4056
Copyright
© 2005, EM Microelectronic-Marin SA
13
www.emmicroelectronic.com
Pad Assignment
Pin
Name
Description
1
C1
coil connection
2
TEST_CLK
test pad with pull down
3
VPOS
unregulated positive supply
4
VDD
positive supply
5
TEST_OUT test pad output
6
VSS
negative supply
7
TEST
test pad with pull down
8
C2
coil connection
Pad Location
EM4056
All dimensions in
µm
Y
X
2159
3175
409
525
C1, C2 pad size : 200 X 600
Other pads size : 100 X 100
7
1850
666
151
169
1673
1
2
6
5
4
3
7
8
Fig. 22
Package Information
Fig. 23
Fig. 24
F
F
g
C2
C1
MARKING
AREA
D
A
B
e
J
K
FRONT VIEW
TOP VIEW
R
Y
X
Z
SYMBOL
MIN
TYP
MAX
X8.0
Y4.0
Z1.0
Dimensions are in mm
Dimensions are in mm
CID Package
PCB Package
C2
C1
SYMBOL
MIN
TYP
MAX
A
8.2
8.5
8.8
B
3.8
4.0
4.2
D
5.8
6.0
6.2
e
0.38
0.5
0.62
F
1.25
1.3
1.35
g
0.3
0.4
0.5
J
0.42
0.44
0.46
K
0.115
0.127
0.139
R
0.4
0.5
0.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com