Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

QL4016-0CF100M/883 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # QL4016-0CF100M/883
Description  90,000 Usable PLD Gate QuickRAM Combining Performance, Density and Embedded RAM
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

QL4016-0CF100M/883 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  QL4016-0CF100M/883 Datasheet HTML 1Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 2Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 3Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 4Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 5Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 6Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 7Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 8Page - List of Unclassifed Manufacturers QL4016-0CF100M/883 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
38
Preliminary
8-38
Military QuickRAM
Rev A
Product Summary
The QuickRAM family of ESPs (Embedded Standard
Products) offers FPGA logic in combination with
Dual-Port SRAM modules. QuickRAM is a 90,000
usable PLD gate ESPs. QuickRAM ESPs are fabri-
cated on a 0.35mm four-layer metal process using
QuickLogic’s patented ViaLink technology to provide
a unique combination of high performance, high
density, low cost, and extreme ease-of-use.
QuickRAM contains up to 1,584 logic cells and 22
dual port RAM modules. Each RAM module has
1,152 RAM bits, for a total of up to 25,344 bits.
RAM Modules are Dual Port (one read port, one
write port) and can be configured into one of four
modes: 64 (deep) x18 (wide), 128x9, 256x4, or
512x2. With a maximum of 316 I/Os, and is avail-
able in plastic 84-PLCC, 208-PQFP, 240-PQFP and
456-PBGA packages and in ceramic 100, 208-
CQFP and 84, 144, 256-CPGA.
Software support for the complete QuickRAM family
is available through two basic packages. The turnkey
QuickWorkspackage provides the most complete
ESP software solution from design entry to logic syn-
thesis, to place and route, to simulation. The Quick-
ToolsTM for Workstations package provides a solution
for designers who use Cadence, Exemplar, Mentor,
Synopsys, Synplicity, Viewlogic, Veribest, or other
third-party tools for design entry, synthesis, or simu-
lation.
Pinout Diagram 84-Pin PLCC
TABLE 2: 84-pin PLCC
PRODUCT SUMMARY
PINOUT DIAGRAM 84-PIN PLCC
QuickRAM
QL4016-1PL84M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com