Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NAL40 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # NAL40
Description  40W AC/DC Universal Input Switch Mode Power Supplies
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

NAL40 Datasheet(HTML) 3 Page - Artesyn Technologies

  NAL40 Datasheet HTML 1Page - Artesyn Technologies NAL40 Datasheet HTML 2Page - Artesyn Technologies NAL40 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
0.156 (3.96) Dia. (4 Places)
5.00
(127.00)
MAXIMUM COMPONENT
HEIGHT 1.2 inches
J2
P1
F1
J1
F3.15A, 250VAC
2.55
(64.80)
0.22
(5.59)
3.00
(76.20)
4.55
(115.80)
1
0.22
(5.59)
ALL DIMENSIONS IN INCHES (mm)
T1
1
Data Sheet © Artesyn Technologies® 2002
The information and specifications contained in this data sheet are believed to be correct at time of publication. However, Artesyn Technologies accepts no responsibility for consequences arising
from printing errors or inaccuracies. Specifications are subject to change without notice. No rights under any patent accompany the sale of any such product(s) or information contained herein.
For the most current data and application support visit www.artesyn.com/powergroup/products.htm
NAL40 Series
Single, dual and triple output
LOW TO MEDIUM POWER AC/DC POWER SUPPLIES
40W AC/DC Universal Input Switch Mode Power Supplies
3
www.artesyn.com
File Name: NAL40.PDF Rev: 19 Nov 2001
Mechanical Notes
A
Ground pad encircling mounting hole near P1 allows system grounding
through a metal stand-off of up to 8mm max. diameter to metal chassis.
B
A standard L-bracket and cover is available for mounting, which contains
all screws, connectors and necessary mounting hardware. Order part
number ‘NAL40 COVER KIT’.
International Safety Standard Approvals
VDE0805/EN60950/IEC950/IEC1010 File No. 10401-3336-1076
Licence No. 70567, 1076 and 90354
UL1950 File No. E136005
CSA C22.2 No. 950 File No. LR41062C
Certificate No. PS/605108
OUTPUT PIN CONNECTIONS
J2
SINGLE
DUAL
TRIPLE
P1
+Vout
+12V
V (B)
P2
+Vout
+5.1V
V (A)
P3
+Vout
+5.1V
V (A)
P4
Return
Return
Return
P5
Return
Return
Return
P6
Return
N/C
V (C)
INPUT
PIN CONNECTIONS
J1
Pin 1
AC Neutral
Pin 2
No Pin
Pin 3
AC Line
P1
Pin 1
Safety Ground
AC (J1) mating connector
Molex 09-50-3031 or equiv. with Molex 08-50-0105 or equiv. crimp terminals.
DC (J2) mating connector
Molex 09-50-3061 or equiv. with Molex 08-50-0164 or equiv. crimp terminals.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com