Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EDI7F4331MV80BNC Datasheet(PDF) 4 Page - White Electronic Designs Corporation

Part # EDI7F4331MV80BNC
Description  4x1Mx32 FLASH MODULE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEDC [White Electronic Designs Corporation]
Direct Link  http://www.whiteedc.com
Logo WEDC - White Electronic Designs Corporation

EDI7F4331MV80BNC Datasheet(HTML) 4 Page - White Electronic Designs Corporation

  EDI7F4331MV80BNC Datasheet HTML 1Page - White Electronic Designs Corporation EDI7F4331MV80BNC Datasheet HTML 2Page - White Electronic Designs Corporation EDI7F4331MV80BNC Datasheet HTML 3Page - White Electronic Designs Corporation EDI7F4331MV80BNC Datasheet HTML 4Page - White Electronic Designs Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Sept. 2002 Rev. 1A
EDI7F4331MV
4
White Electronic Designs Corporation • (602) 437-1520 • www.wedc.com
White Electronic Designs
White Electronic Designs Corp. reserves the right to change products or specifications without notice.
ORDERING INFORMATION
PACKAGE NO. 394: 80 PIN SIMM (JEDEC)
��
��
��
��
��
���
�����
�
�
�
�
�
�
�
�
�����
��������������
�����
����
�����
����������
����������
�����
����
����
�����
�����
����
�����
�����
�����
�����
Note: To order an Industrial grade product substitute the letter C in the Suffix
with the letter I.
Part Number
Speed
(ns)
Package
EDI7F4331MV80BNC
80
394
EDI7F4331MV90BNC
90
394
EDI7F4331MV100BNC
100
394
EDI7F4331MV120BNC
120
394
EDI7F4331MV150BNC
150
394
ALL DIMENSIONS ARE IN INCHES



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com