Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RJS1.25 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # RJS1.25
Description  Telecom - Power Cross Protection & Ballast Protection
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

RJS1.25 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  RJS1.25 Datasheet HTML 1Page - Bel Fuse Inc. RJS1.25 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE PAGES 67 & 68
d
a
e
L
d
r
a
d
n
a
t
Sd
a
e
L
t
r
o
h
S
A
+
"
6
7
.
0
/
"
1
0
.
0
-
+
3
.
9
1
(
/
)
m
m
2
.
0
-
+
"
6
7
.
0
/
"
1
0
.
0
-
+
3
.
9
1
(
/
)
m
m
2
.
0
-
B
+
"
0
8
.
0
/
5
0
.
0
-
+
3
.
0
2
(
/
)
m
m
7
2
.
1
-
+
"
0
8
.
0
/
5
0
.
0
-
+
3
.
0
2
(
/
)
m
m
7
2
.
1
-
C
l
a
c
i
p
y
T
"
4
.
0
)
m
m
0
.
0
1
(
+
"
1
1
.
0
/
"
1
0
.
0
-
+
8
.
2
(
/
)
m
m
5
2
.
0
-
D
x
a
m
"
8
1
.
0
)
m
m
6
.
4
(
x
a
m
"
8
1
.
0
)
m
m
6
.
4
(
g
n
i
t
s
e
TC
t
n
e
r
r
u
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mu
m
i
x
a
Mm
%
0
0
1.s
r
H
4A
/
N
%
5
3
1A
/
Nr
H
1
%
0
0
2c
e
s
3c
e
s
0
2
%
0
0
5c
e
s
m
0
0
1c
e
s
5
.
1
%
0
0
0
1c
e
s
m
0
3c
e
s
m
0
0
3
y
c
n
e
g
A
y
t
e
f
a
S
s
l
a
v
o
r
p
p
A
g
n
i
t
a
R
g
n
i
t
p
u
r
r
e
t
n
I
r
e
w
o
P
r
o
t
c
a
F
d
e
d
n
e
t
n
I
n
o
i
t
a
c
il
p
p
A
.
o
n
e
li
F
d
e
z
i
n
g
o
c
e
R
4
2
6
0
2
E
V
5
2
1
@
C
A
,
A
0
0
0
,
0
18
.
0
-
7
.
0e
s
o
p
r
u
P
l
a
r
e
n
e
G
V
0
5
2
@
C
A
,
A
0
0
28
.
0
-
7
.
0n
o
it
c
e
t
o
r
P
y
r
a
m
ir
P
.
o
n
e
li
F
e
c
n
a
t
p
e
c
c
A
2
7
7
9
3
R
L
V
0
5
3
@
C
A
,
A
0
0
1e
v
it
si
s
e
Rn
o
it
c
e
t
o
r
P
t
s
a
ll
a
B
V
0
0
6
@
C
A
,
A
0
6e
v
it
si
s
e
Rn
o
it
c
e
t
o
r
P
m
o
c
e
l
e
T
Type RJS
Telecom - Power Cross Protection & Ballast Protection
RJSD0303
Consult manufacturer for other ratings
Mechanical Dimensions
RJS Fuses are primarily intended for use in telecommunication circuit
applications requiring low current protection with high surge tolerance.
They are typically used to replace heat coil type devices.They are designed
to be placed between the line input and the surge arresting components
(mov. gas tube, zenor diode, air gaps, etc.)
These fuses will withstand transient surge currents generated by
lightning in accordance with the attached table.
RJS fuses guard protected circuitry against sustained overload or
short circuit conditions. Such sustained overloads may be generated by
accidental contact between utility cables and phone lines (power line
cross).
RJS Fuse are used in circuits to obtain compliance with the test
requirements specified in UL 1950/60950 and Bellcor
e GR 1089.
Power Cross (Telecom) Rating
(Fuse Rated 0.1 - 1.5A)
Approvals
Electrical Characteristics (UL/CSA STD. 248-14)
Operating Temperature
-55
°C to +125°C
Environmental Specification
Soldering Techniques & Compatibility
Wave Solder: 260
°C, 10 sec max. (MIL-STD-202, Method 210)
Shock
MIL-STD-202, Method 213,Test Condition I
(100 G’s peak for 6 milliseconds)
Vibration
MIL-STD-202, Method 201 (10-55 Hz, 0.06 inch, total
excursion)
Salt Spray
MIL-STD-202, Method 101,Test condition B (48 hrs)
Insulation Resistance
MIL-STD-202, Method 302,Test Condition A
(After Opening) 10,000 ohms minimum
Solderability
MIL-STD-202, Method 208
Resistance to solder Heat
MIL-STD-202, Method 210,Test Condition C (260
°C, 20 sec)
Thermal Shock
MIL-STD-202, Method 107, Test Condition B (-65
°C to+125°C)
Operating Temperature
-55
°C to +125°C
rSc
r
S
Materials
Body: Glass;
Lead Wire: Tin-lead plated Copper, Diameter 0.032"
Marking
On fuse: “bel”, “Type”“Current Rating” “Voltage Rating” “Appropriate
Safety Logos”
On label: Above info; Interrupting Rating plus “
c”
Packaging
In bulk : 2,000 pcs per box. (standard Lead) 500 pcs per box. (short Lead)
Physical Specification
m
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
i
t
a
R
e
g
a
t
l
o
V
g
n
i
t
a
R
l
a
c
i
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
t
l
o
V
%
0
0
1
@
n
I
)
l
o
V
(
.
x
a
m
g
n
i
t
l
e
M
I2
0
1
<
T
c
e
S
m
A
( 2
)
c
e
S
g
n
i
t
l
e
M
I2
0
1
@
T
n
I
A
( 2
)
c
e
S
t
n
e
r
r
u
C
e
g
r
u
S
k
a
e
P
)
p
m
A
(
m
u
m
i
x
a
M
r
e
w
o
P
n
o
i
t
a
p
i
s
s
i
D
)
W
(
V
0
0
0
,
1
s
e
s
l
u
P
0
5
S
u
0
0
0
1
x
S
u
0
1
0
0
1
S
J
RA
m
0
0
1V
0
0
67
15
.
2
9
0
.
01
1
.
06
1
4
.
0
5
2
1
S
J
RA
m
5
2
1V
0
0
61
11
.
2
3
1
.
07
1
.
08
3
4
.
0
0
6
1
S
J
RA
m
0
6
1V
0
0
67
8
.
1
1
2
.
06
2
.
00
16
4
.
0
0
0
2
S
J
RA
m
0
0
2V
0
0
68
.
45
.
1
3
3
.
01
4
.
03
19
4
.
0
0
5
2
S
J
RA
m
0
5
2V
0
0
62
.
33
.
1
1
5
.
04
6
.
06
13
5
.
0
0
0
3
S
J
RA
m
0
0
3V
0
0
61
.
21
.
1
0
8
.
00
0
.
10
26
5
.
0
0
5
3
S
J
RA
m
0
5
3V
0
0
67
.
10
.
1
0
.
13
.
14
28
5
.
0
0
0
4
S
J
RA
m
0
0
4V
0
0
64
.
19
.
0
2
.
16
.
19
20
6
.
0
0
0
5
S
J
RA
m
0
0
5V
0
0
69
.
08
7
.
0
9
.
14
.
26
34
6
.
0
0
0
6
S
J
RA
m
0
0
6V
0
0
66
.
06
6
.
0
0
.
38
.
36
48
6
.
0
0
0
7
S
J
RA
m
0
0
7V
0
0
69
4
.
01
6
.
0
8
.
38
.
44
50
7
.
0
0
5
7
S
J
RA
m
0
5
7V
0
0
64
4
.
08
5
.
0
3
.
45
.
58
51
7
.
0
1
S
J
RA
1V
0
0
66
2
.
07
4
.
0
4
.
73
.
90
87
7
.
0
5
2
.
1
S
J
RA
5
2
.
1V
0
0
67
1
.
00
4
.
0
2
15
10
0
12
8
.
0
5
.
1
S
J
RA
5
.
1V
0
0
63
1
.
05
3
.
0
7
11
20
2
16
8
.
0
2
S
J
RA
2V
0
0
68
0
.
09
2
.
0
8
26
35
5
13
9
.
0
5
.
2
S
J
RA
5
.
2V
0
0
65
0
.
04
2
.
0
4
46
50
9
19
9
.
0
3
S
J
RA
3V
0
0
63
3
0
.
00
2
.
0
9
67
80
3
26
0
.
1
4
S
J
RA
4V
0
0
62
2
0
.
07
1
.
0
8
0
16
3
10
0
33
1
.
1
5
S
J
RA
5V
0
0
65
1
0
.
05
1
.
0
9
6
12
1
20
7
30
2
.
1
Double - exponential
Impulse Waveform
d
a
o
l
r
e
v
Ot
n
e
r
r
u
Ce
g
a
t
l
o
Vt
i
m
i
L
e
m
i
T
g
n
i
r
a
e
l
C
g
n
it
a
r
e
s
u
F
%
5
3
1V
0
0
6r
u
o
h
1
n
a
h
t
s
s
e
L
g
n
it
a
R
e
s
u
F
%
0
0
2V
0
0
6s
d
n
o
c
e
s
0
2
n
a
h
t
s
s
e
L
A
2
.
2V
0
0
6s
e
t
u
n
i
m
0
1
n
a
h
t
s
s
e
L
A
7V
0
0
6s
d
n
o
c
e
s
1
n
a
h
t
s
s
e
L
A
0
4V
0
0
6c
e
s
m
0
5
n
a
h
t
s
s
e
L
A
0
6V
0
0
6c
e
s
m
0
2
n
a
h
t
s
s
e
L
Current
TO
a
b
T1
T2
Time
Waveform Duration Of A/B Seconds
A=Rise Time=T1-T0 (1.25(b-a)
B=Duration=T2-T0
(Peak Value) Ip
0.9 Ip
0.1 Ip
0.5 Ip
B
D
A
C
0.80” ( 20.3mm)
1.0mm DIA.
RECOMMENDED
PCB HOLE SIZE AND SPACING
35


Similar Part No. - RJS1.25

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
RJS1.25-R BEL-RJS1.25-R Datasheet
1Mb / 2P
Type RJS
RJS1.25-R BEL-RJS1.25-R Datasheet
1Mb / 4P
TELECOM-POWER CORSS PROTECTION
More results

Similar Description - RJS1.25

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP80MC-270 STMICROELECTRONICS-SMP80MC-270 Datasheet
82Kb / 8P
TELECOM EQUIPMENT PROTECTION TRISIL
Sep-2003
SMP30 STMICROELECTRONICS-SMP30 Datasheet
92Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL
Nov-2002
logo
List of Unclassifed Man...
B0500T ETC1-B0500T Datasheet
454Kb / 2P
Telefuse SMD Power Cross Protection Fuse
logo
Bel Fuse Inc.
SMP500 BEL-SMP500 Datasheet
92Kb / 2P
Surface Mount Power Cross Protection Fuse
SMP2 BEL-SMP2 Datasheet
297Kb / 2P
Surface Mount Power Cross Protection Fuse
SMP BEL-SMP_12 Datasheet
476Kb / 4P
Surface Mount Power Cross Protection Fuse
logo
Bourns Electronic Solut...
B0500T BOURNS-B0500T_09 Datasheet
309Kb / 2P
Telefuse SMD Power Cross Protection Fuse
logo
STMicroelectronics
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
logo
Bel Fuse Inc.
RJS BEL-RJS Datasheet
1Mb / 4P
TELECOM-POWER CORSS PROTECTION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com