Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IXDI430CI Datasheet(PDF) 3 Page - IXYS Corporation

Part # IXDI430CI
Description  30 Amp Low-Side Ultrafast MOSFET / IGBT Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXDI430CI Datasheet(HTML) 3 Page - IXYS Corporation

  IXDI430CI Datasheet HTML 1Page - IXYS Corporation IXDI430CI Datasheet HTML 2Page - IXYS Corporation IXDI430CI Datasheet HTML 3Page - IXYS Corporation IXDI430CI Datasheet HTML 4Page - IXYS Corporation IXDI430CI Datasheet HTML 5Page - IXYS Corporation IXDI430CI Datasheet HTML 6Page - IXYS Corporation IXDI430CI Datasheet HTML 7Page - IXYS Corporation IXDI430CI Datasheet HTML 8Page - IXYS Corporation IXDI430CI Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
IXDN430 / IXDI430 / IXDD430 / IXDS430
Unless otherwise noted, T
A = 25
o
C, 8.5V
≤ V
CC ≤ 35V .
All voltage measurements with respect to GND. IXDD430 configured as described in Test Conditions.
Electrical Characteristics
S ym bol
Param eter
T est C onditio n s
M in
T yp
M ax
U nits
V IH
High input v oltage
4.5V
≤ VCC ≤ 18V
3.5
V
V IL
Low input v oltage
4.5V
≤ VCC ≤ 18V
0.8
V
V IN
Input v oltage range
-5
V CC + 0.3
V
IIN
Input current
0V
≤ VIN ≤ VCC
-10
10
µA
V OH
High output v oltage
V CC - 0.025
V
V OL
Low output v oltage
0.025
V
R OH
O utput resistance
@ O utput high
VCC = 18V
0.3
0.4
Ω
R OL
O utput resistance
@ O utput Low
VCC = 18V
0.2
0.3
Ω
IPEAK
Peak output current
VCC = 18V
30
A
IDC
Continuous output
current
Lim ited by package power
dissipation
8
A
V EN
Enable v oltage range
IXD D430 O nly
- 0.3
Vcc + 0.3
V
V ENH
High E n Input V oltage
IXD D430 O nly
2/3 V cc
V
V ENL
Low En Input V oltage
IXD D430 O nly
1/3 V cc
V
R EN
EN Input R esistance
IXD S430 O nly
400
K ohm
V INV
INV Voltage Range
IXD S430 O nly
- 0.3
Vcc + 0.3
V
V INVH
High IN V Input Voltage
IXD S430 O nly
2/3 V cc
V
V INVL
Low IN V Input V oltage
IXD S430 O nly
1/3 V cc
V
R INV
INV Input R esistance
IXD S430 O nly
400
K ohm
tR
Rise tim e
CL=5600pF Vcc=18V
18
20
ns
tF
Fall tim e
CL=5600pF Vcc=18V
16
18
ns
tONDLY
O n-tim e propagation
delay
CL=5600pF Vcc=18V
41
45
ns
tOFFDLY
Off-tim e propagation
delay
CL=5600pF Vcc=18V
35
39
ns
tENOH
Enable to output high
delay tim e
IXD D430 O nly, Vcc=18V
47
ns
tDOLD
Disable to output low
delay tim e
IXD D430 O nly, Vcc=18V
120
ns
V CC
Power supply v oltage
8.5
18
35
V
ICC
Power supply current
VIN = 3.5V
VIN = 0V
VIN = + VCC
1
0
3
10
10
mA
µA
µA
Absolute Maximum Ratings (Note 1)
Parameter
Value
Supply Voltage
40 V
All Other Pins
-0.3 V to VCC + 0.3 V
Power Dissipation, TAMBIENT ≤25 oC
TO220 (CI), TO263 (YI)
2W
Derating Factors (to Ambient)
TO220 (CI), TO263 (YI)
0.016W/oC
Storage Temperature
-65 oC to 150 oC
Lead Temperature (10 sec)
300 oC
Operating Ratings
P aram eter
V alue
M axim um Junction Tem perature
150 oC
O perating Tem perature R ange
-55 oC to 125 oC
Therm al Im pedance TO 220 (C I), TO 263 (Y I)
θJC (Junction To Case)
0.95 oC/W
θJA (Junction To Am bient)
62.5 oC/W
Therm al Im pedance 28 pin S O IC with H eat S lug (S I)
θJC (Junction To Case)
3 oC/W
Specifications Subject To Change Without Notice
Note 1: Operating the device beyond parameters with listed “absolute maximum ratings” may cause permanent
damage to the device. Typical values indicate conditions for which the device is intended to be functional, but do not
guarantee specific performance limits. The guaranteed specifications apply only for the test conditions listed.
Exposure to absolute maximum rated conditions for extended periods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com