Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

UPSD3422EB40U6 Datasheet(PDF) 154 Page - STMicroelectronics

Part # UPSD3422EB40U6
Description  Turbo Plus series Fast Turbo 8032 MCU with USB and programmable logic
PDF  300 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422EB40U6 Datasheet(HTML) 154 Page - STMicroelectronics

Back Button UPSD3422EB40U6 Datasheet HTML 150Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 151Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 152Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 153Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 154Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 155Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 156Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 157Page - STMicroelectronics UPSD3422EB40U6 Datasheet HTML 158Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 300 page
background image
Obsolete
Product(s)
- Obsolete
Product(s)
Obsolete
Product(s)
- Obsolete
Product(s)
USB interface
UPSD3422, UPSD3433, UPSD3434, UPSD3454
154/300
25.2
Types of transfers
The USB specification defines four types of transfers, Bulk, Interrupt, Isochronous, and
Control.
Note:
The UPSD34xx supports all types of transfers except Isochronous.
●
Bulk Transfers (see Figure 50)
Bulk data is transferred in both directions and is used with both IN and OUT endpoints.
Packets may be 8, 16, 32, or 64 bytes in length. Bulk transfers occur in bursts, and are
scheduled by the host when there is available time on the bus. While there is no
guaranteed delivery time for bulk transfers, the accuracy of the data is guaranteed due
to automatic retries for erroneous data. Bulk transfers are typically used for mass
storage, printer, and scanner data.
●
Interrupt Transfers (see Figure 51)
Interrupt data is a lot like bulk data but travels only in one direction, from the device to
the host, so only IN endpoints are used. Interrupt data holds packet sizes ranging from
1 to 64 bytes. Interrupt endpoints have an associated polling interval, meaning that the
host sends IN tokens at a periodic interval to the host on a regular basis. Interrupt
transfers are typically used for human interface devices such as keyboards, mice, and
joysticks.
Figure 50.
IN and OUT bulk transfers
Token packet
Data packet
Handshake packet
IN
ADDR
ENDP
CRC5
CRC16
ACK
Data1
Payload
data
Token packet
Data packet
Handshake packet
OUT
ADDR
ENDP
CRC5
CRC16
ACK
Data1
Payload
data
AI10490b
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com